Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HWS50-3/HD Datasheet(PDF) 1 Page - TDK Electronics

Part # HWS50-3/HD
Description  Single Output Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HWS50-3/HD Datasheet(HTML) 1 Page - TDK Electronics

  HWS50-3/HD Datasheet HTML 1Page - TDK Electronics HWS50-3/HD Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
63
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
HWS50-1500/HD Series
Features
u Limited Lifetime Warranty
u -10 to +71°C Operation (-40°C start up)
u Universal Input (85 - 265VAC)
u Conformally coated pcbs
u Class 1 Div 2 option (/RYHD suffix)
u Wide range AC Input
Single Output Industrial Power Supplies
Model
HWS50
HWS100
HWS150
HWS300
HWS600
HWS1000 HWS1500
Input Voltage range (47-63Hz)
-
85-265VAC or 120-370VDC
85-265VAC or 120-330VDC (No DC input for HWS1500)
Input Current (Typ)
(1)
A
0.7 / 0.35
1.3 / 0.65
1.9 / 0.95
4.1 / 2.1
8.1 / 3.9
13.5 / 7
19 / 10
Inrush Current
(1)
A
14 / 2
20 / 4
Power Factor
-
Meets EN61000-3-2
Temperature Coefficient
-
<0.02%/°C
Overcurrent Protection
-
>104%
Overvoltage Protection
V
Yes (See table on page 2)
Hold Up Time (Typ)
ms
20
Leakage Current (60Hz)
mA
<0.5mA
<0.75mA
<1.2mA
≤1.5mA
Remote Sense
-
No
Yes
Indicator
-
Green LED = ON
Remote On/Off
-
No
Yes (Isolated from output)
Parallel operation
-
No
Single wire connection (5 units max)
DC Good
-
No
Yes
Remote Adjust (PV)
-
No
Yes (3)
Operating Temperature
°C
HWS50-150: -10°C to +71°C, (-10 ~+50°C: 100%, +60°C: 60%, +71°C: 20%)
and Derating (operation to
HWS300-1500: -10°C to +71°C, (-10 ~+50°C: 100%, derate linearly to 50% load from +50 to +71°C)
+74°C - contact factory)
Guaranteed start up at -40°C (see specification sheets on website for details and derating)
Storage Temperature
°C
-40 to +85°C
Humidity (non condensing)
-
Operating: 30 - 90%RH (10 -90% on HWS300-1500), Non operating 10 - 95%RH
Cooling
-
Convection
Internal fan
Withstand Voltage
(2)
-
Input to Ground 2kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100MΩ at 25°C & 70%RH, Output to Ground 500VDC, >10M Output to remote on/off 100VDC
Vibration (non operating)
-
MIL-STD-810F 514.5 Category 4, 10 (HWS1500 Cat 4, figure 514.5C-1)
Shock (in packaging)
-
MIL-STD-810F 516.5 Category I, VI (HWS1500 <196.1m/s2)
Safety Agency Approvals
-
UL60950-1, CSA60950-1, EN60950-1, EN50178, CE Mark
Line Dip
-
Complies with SEMI F47 (200VAC line only)
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC-B, VCCI-B (HWS1500 Class A)
Immunity
-
IEC61000-4-2 (Level 2,3), -3, -4, -6, (Level 3), -5, -8 (Level 4), -11
Weight (Typ)
g
280
450
500
1000
1600
3200
3800
Size (WxHxD)
in
1.04x3.23x4.72 1.1x3.23x6.3 1.46x3.23x6.3 2.4x3.23x6.5 3.94x3.23x6.5 5x3.2x9.5
5x3.25x11
Warranty
yrs
Limited lifetime warranty (See TDK-Lambda’s terms & conditions)
Specifications
(1) 100/200VAC input
(2) HWS300-600 2.5kVAC Input to ground
(3) 1-6V program voltage input to adjust output 20-120% (typical) of
nominal. See instruction manual for details & models with this feature.
(*)
Class 1 Div 2 option (/RYHD suffix
Key Market Segments & Applications


Similar Part No. - HWS50-3/HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS50-3/A ETC2-HWS50-3/A Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
More results

Similar Description - HWS50-3/HD

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
50-150W Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
SIngle Output Industrial Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com