Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VMMK-3413 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-3413
Description  25 - 45 GHz Directional Detector in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-3413 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  VMMK-3413 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-3413 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
Table 1. Absolute Maximum Rating (1)
Sym
Parameters/Condition
Unit
Absolute Max
Vbias
Bias Voltage (RF Input)
V
2
Ibias
Bias Current
mA
1
Pin, max
CW RF Input Power (RF Input) (2)
dBm
+31
Tch
Max Channel Temperature
°C
+150
Notes
1. Operation of this device above any one of these parameters may cause permanent damage
2. With the DC (typical bias) and RF applied to the device at board temperature, Tb = 25° C
Table 2. DC and RF Specifications
TA = 25° C, Freq = 35 GHz, Vbias = 1.5 V, Zin = Zout = 50 Ω unless otherwise specified
Symbol
Parameters / Condition
Unit
Min
Typical
Max
Ibias (1)
Bias Current
mA
0.1
0.16
0.23
I.L. (1)
Insertion Loss
at 25 GHz
at 35 GHz
at 45 GHz
dB
0.5
0.8
1.1
IRL (1)
Input Return Loss
dB
20
ORL (1)
Output Return Loss
dB
17
Dir (2)
Directivity
at 25 GHz
at 35 GHz
at 45 GHz
dB
10
18
7
Voffset (1,3)
Detector Output Offset Voltage
mV
50
63
80
Vdet (4)
Detector Output Voltage at +12 dBm
mV
550
674
790
Notes
1. Measured data obtained from wafer-probing, losses from measurement system de-embedded from final data, Vbias = 1.5 V applied through a
broadband bias tee.
2. Measured by reversing the detector and applying RF power to the output port. Directivity is defined as the difference in dB between the power
applied in the forward direction and the power required in the reverse direction to produce the same Vdet voltage.
3. Voffset is measured with RF input power turned off.
4. Vdet is measured with +12 dBm RF input power at 35 GHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com