Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLD302V-2 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # SLD302V-2
Description  200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-2 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  SLD302V-2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-2 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
– 6 –
SLD302V
Wavelength [nm]
805
825
815
Tc = –6
°C
Wavelength [nm]
805
825
815
Tc = 12
°C
Wavelength [nm]
805
825
815
Tc = 23
°C
Wavelength [nm]
805
825
815
Tc = 35
°C
Wavelength [nm]
805
825
815
Tc = 45
°C
Temperature dependence of wavelength (Po = 180mW)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com