Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5337ARMZ1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5337ARMZ1
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337ARMZ1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5337ARMZ1 Datasheet HTML 4Page - Analog Devices AD5337ARMZ1 Datasheet HTML 5Page - Analog Devices AD5337ARMZ1 Datasheet HTML 6Page - Analog Devices AD5337ARMZ1 Datasheet HTML 7Page - Analog Devices AD5337ARMZ1 Datasheet HTML 8Page - Analog Devices AD5337ARMZ1 Datasheet HTML 9Page - Analog Devices AD5337ARMZ1 Datasheet HTML 10Page - Analog Devices AD5337ARMZ1 Datasheet HTML 11Page - Analog Devices AD5337ARMZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 1
VOUTA 2
VOUTB 3
REFIN 4
A0
8
SCL
7
SDA
6
GND
5
TOP VIEW
(Not to Scale)
AD5337/
AD5338/
AD5339
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V, and the supply should be decoupled to GND.
2
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
REFIN
Reference Input Pin for the Two DACs. It has an input range from 0.25 V to VDD.
5
GND
Ground Reference Point for All Circuitry on the Parts.
6
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input shift
register. SDA is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up resistor.
7
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input shift
register. Clock rates of up to 400 kbps can be accommodated in the 2-wire interface.
8
A0
Address Input. Sets the least significant bit of the 7-bit slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com