Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7746EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD7746EB
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7746EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD7746EB Datasheet HTML 9Page - Analog Devices EVAL-AD7746EB Datasheet HTML 10Page - Analog Devices EVAL-AD7746EB Datasheet HTML 11Page - Analog Devices EVAL-AD7746EB Datasheet HTML 12Page - Analog Devices EVAL-AD7746EB Datasheet HTML 13Page - Analog Devices EVAL-AD7746EB Datasheet HTML 14Page - Analog Devices EVAL-AD7746EB Datasheet HTML 15Page - Analog Devices EVAL-AD7746EB Datasheet HTML 16Page - Analog Devices EVAL-AD7746EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 13 of 28
If a repeated start condition is encountered after the address
pointer byte, all peripherals connected to the bus respond
exactly as outlined above for a start condition, that is, a repeated
start condition is treated the same as a start condition. When a
master device issues a stop condition, it relinquishes control of
the bus, allowing another master device to take control of the
bus. Hence, a master wanting to retain control of the bus issues
successive start conditions known as repeated start conditions.
AD7745/AD7746 RESET
To reset the AD7745/AD7746 without having to reset the entire
I2C bus, an explicit reset command is provided. This uses a
particular address pointer word as a command word to reset the
part and upload all default settings. The AD7745/AD7746 do
not respond to the I2C bus commands (do not acknowledge)
during the default values upload for approximately 150 µs
(max 200 µs).
The reset command address word is 0xBF.
GENERAL CALL
When a master issues a slave address consisting of seven 0s with
the eighth bit (R/W bit) set to 0, this is known as the general call
address. The general call address is for addressing every device
connected to the I2C bus. The AD7745/AD7746 acknowledge
this address and read in the following data byte.
If the second byte is 0x06, the AD7745/AD7746 are reset,
completely uploading all default values. The AD7745/AD7746
do not respond to the I2C bus commands (do not acknowledge)
during the default values upload for approximately 150 µs (max
200 µs).
The AD7745/AD7746 do not acknowledge any other general
call commands.
1–7
8
9
1–7
8
9
1–7
8
9
P
S
START ADDR R/W ACK SUBADDRESS ACK
DATA
ACK
STOP
SDATA
SCLOCK
Figure 24. Bus Data Transfer
DATA
A(S)
S
SLAVE ADDR A(S)
SUB ADDR
A(S)
LSB = 0
LSB = 1
DATA
P
S
SLAVE ADDR A(S)
SUB ADDR
A(S) S
SLAVE ADDR
A(S)
DATA
A(M)
DATA
P
WRITE
SEQUENCE
READ
SEQUENCE
A(S) = NO-ACKNOWLEDGE BY SLAVE
A(M) = NO-ACKNOWLEDGE BY MASTER
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
S = START BIT
P = STOP BIT
A(S)
A(M)
Figure 25. Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com