Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8065ART-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8065ART-EBZ
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ART-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8065ART-EBZ Datasheet HTML 19Page - Analog Devices AD8065ART-EBZ Datasheet HTML 20Page - Analog Devices AD8065ART-EBZ Datasheet HTML 21Page - Analog Devices AD8065ART-EBZ Datasheet HTML 22Page - Analog Devices AD8065ART-EBZ Datasheet HTML 23Page - Analog Devices AD8065ART-EBZ Datasheet HTML 24Page - Analog Devices AD8065ART-EBZ Datasheet HTML 25Page - Analog Devices AD8065ART-EBZ Datasheet HTML 26Page - Analog Devices AD8065ART-EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD8065/AD8066
Rev. J | Page 22 of 28
THERMAL CONSIDERATIONS
INPUT AND OUTPUT OVERLOAD BEHAVIOR
With 24 V power supplies and 6.5 mA quiescent current, the
AD8065 dissipates 156 mW with no load. The AD8066 dissipates
312 mW. This can lead to noticeable thermal effects, especially
in the small SOT-23-5 (thermal resistance of 160°C/W). VOS
temperature drift is trimmed to guarantee a maximum drift of
17 μV/°C, so it can change up to 0.425 mV due to warm-up
effects for an AD8065/AD8066 in a SOT-23-5 package on 24 V.
A simplified schematic of the AD8065/AD8066 input stage is
shown in Figure 56. This shows the cascoded N-channel JFET
input pair, the ESD and other protection diodes, and the
auxiliary NPN input stage that eliminates any phase inversion
behavior. When the common-mode input voltage to the amplifier
is driven to within approximately 3 V of the positive power supply,
the input JFET’s bias current turns off and the bias of the NPN
pair turns on, taking over control of the amplifier. The NPN
differential pair now sets the amplifier’s offset, and the input
bias current is now in the range of several tens of microamps.
This behavior is shown in Figure 32. Normal operation resumes
when the common-mode voltage goes below the 3 V from the
positive supply threshold.
Ib increases by a factor of 1.7 for every 10°C rise in temperature.
Ib is close to five times higher at 24 V supplies as opposed to a
single 5 V supply.
Heavy loads increase power dissipation and raise the chip
junction temperature as described in the Maximum Power
Dissipation section. Care should be taken not to exceed the
rated power dissipation of the package.
The output transistors of the rail-to-rail output stage have
circuitry to limit the extent of their saturation when the output
is overdriven. This helps output recovery time. Output recovery
from a 0.5 V output overdrive on a ±5 V supply is shown in
Figure 24.
VTHRESHOLD
VBIAS
S
VP
TO REST OF AMP
VCC
S
VN
R1
Q2
Q5
Q3
Q1
Q6
Q7
Q4
R5
D1
R6
R3
R4
R2
R8
R7
D2
D3
D4
–VEE
IT1
IT2
Figure 56. Simplified Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com