Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9254S Datasheet(PDF) 21 Page - Analog Devices

Part # AD9254S
Description  14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9254S Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9254S Datasheet HTML 17Page - Analog Devices AD9254S Datasheet HTML 18Page - Analog Devices AD9254S Datasheet HTML 19Page - Analog Devices AD9254S Datasheet HTML 20Page - Analog Devices AD9254S Datasheet HTML 21Page - Analog Devices AD9254S Datasheet HTML 22Page - Analog Devices AD9254S Datasheet HTML 23Page - Analog Devices AD9254S Datasheet HTML 24Page - Analog Devices AD9254S Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
The pins described in Table VIII comprise the physical interface between the user’s programming device and the
serial port of the AD9254. The SCLK and CSB pins function as inputs when using the SPI interface. The SDIO pin is
bidirectional, functioning as an input during write phases and as an output during readback.
The SPI interface is flexible enough to be controlled by either PROM or PIC microcontrollers. This provides the user
with the ability to use an alternate method to program the ADC. One method is described in detail in Application Note
AN-812, Microcontroller-Based Serial Port Interface Boot Circuit.
When the SPI interface is not used, some pins serve a dual function. When strapped to AVDD or ground during device
power on, the pins are associated with a specific function.
n applications that do not interface to the SPI control registers, the SDIO/DCS and SCLK/DFS pins serve as stand-
alone CMOS-compatible control pins. When the device is powered up, it is assumed that the user intends to use the
pins as static control lines for the output data format and duty cycle stabilizer (see Table V). In this mode, the CSB
chip select should be connected to AVDD, which disables the serial port interface. For more information, see the
Interfacing to High Speed ADCs via SPI user manual.
Each row in the memory map register table has eight address locations. The memory map is roughly divided into
three sections: the chip configuration registers map (Address 0x00 to Address 0x02), the device index and transfer
registers map (Address 0xFF), and the ADC functions map (Address 0x08 to Address 0x18).
Table X displays the register address number in hexadecimal in the first column. The last column displays the default
value for each hexadecimal address. The Bit 7 (MSB) column is the start of the default hexadecimal value given. For
example, Hexadecimal Address 0x14, output_phase, has a hexadecimal default value of 0x00. This means Bit 3 = 0,
Bit 2 = 0, Bit 1 = 1, and Bit 0 = 1 or 0011 in binary. This setting is the default output clock or DCO phase adjust option.
The default value adjusts the DCO phase 90° relative to the nominal DCO edge and 180° relative to the data edge.
For more information on this function, consult the Interfacing to High Speed ADCs via SPI user manual.
Locations marked as open are currently not supported for this device. When required, these locations should be
written with 0s. Writing to these locations is required only when part of an address location is open (for example,
Address 0x14). If the entire address location is open (Address 0x13), then the address location does not need to be
written.
Coming out of reset, critical registers are loaded with default values. The default values for the registers are shown in
Table X.
An explanation of two registers follows:
• “Bit is set” is synonymous with “Bit is set to Logic 1” or “Writing Logic 1 for the bit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com