Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9255-80EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9255-80EBZ
Description  14-Bit, 125 MSPS/105 MSPS/80 MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255-80EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9255-80EBZ Datasheet HTML 17Page - Analog Devices AD9255-80EBZ Datasheet HTML 18Page - Analog Devices AD9255-80EBZ Datasheet HTML 19Page - Analog Devices AD9255-80EBZ Datasheet HTML 20Page - Analog Devices AD9255-80EBZ Datasheet HTML 21Page - Analog Devices AD9255-80EBZ Datasheet HTML 22Page - Analog Devices AD9255-80EBZ Datasheet HTML 23Page - Analog Devices AD9255-80EBZ Datasheet HTML 24Page - Analog Devices AD9255-80EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
AD9255
Rev. C | Page 21 of 44
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SNR @ +25°C
SNR @ +85°C
SFDR @ –40°C
SFDR @ +25°C
SFDR @ +85°C
Figure 42. AD9255-125 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
95
90
85
80
75
70
65
0
300
250
200
150
100
50
INPUT FREQUENCY (MHz)
SFDR
SNR
Figure 43. AD9255-125 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) with 1 V p-p Full Scale
0
–20
–40
–60
–80
–100
–120
–140
–90
–6
–18
–30
–42
–54
–66
–78
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 44. AD9255-125 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 29.1 MHz, fIN2 = 32.1 MHz, fS = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
–90
–6
–18
–30
–42
–54
–66
–78
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 45. AD9255-125 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 169.1 MHz, fIN2 = 172.1 MHz, fS = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
60
50
40
FREQUENCY (MHz)
125MSPS
29.1MHz @ –7dBFS
32.1MHz @ –7dBFS
SFDR = 94.4dBc
(101.4dBFS)
Figure 46. AD9255-125 Two-Tone FFT with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
60
50
40
FREQUENCY (MHz)
125MSPS
169.1MHz @ –7dBFS
172.1MHz @ –7dBFS
SFDR = 79.5dBc (86.5dBFS)
Figure 47. AD9255-125 Two-Tone FFT with fIN1 = 169.1 MHz and
fIN2 = 172.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com