Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54FCT244DMQB Datasheet(PDF) 2 Page - Texas Instruments

Part # 54FCT244DMQB
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54FCT244DMQB Datasheet(HTML) 2 Page - Texas Instruments

  54FCT244DMQB Datasheet HTML 1Page - Texas Instruments 54FCT244DMQB Datasheet HTML 2Page - Texas Instruments 54FCT244DMQB Datasheet HTML 3Page - Texas Instruments 54FCT244DMQB Datasheet HTML 4Page - Texas Instruments 54FCT244DMQB Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
−0.5V to 5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
DC Electrical Characteristics for ’FCT Family Devices
Symbol
Parameter
FCT244
Units
V
CC
Conditions
Min
Max
V
IH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
V
IL
Input LOW Voltage
0.8
V
Recognized LOW Signal
V
CD
Input Clamp Diode Voltage
−1.2
V
Min
I
IN = −18 mA
V
OH
Output HIGH
Voltage
54FCT
4.3
V
Min
I
OH = −300 µA
54FCT
2.4
I
OH = −12 mA
V
OL
Output LOW
Voltage
54FCT
0.2
V
Min
I
OL = 300 µA
54FCT
0.55
I
OL = 48 mA
I
IH
Input HIGH Current
5
µA
Max
V
IN = VCC
I
IL
Input LOW Current
−5
µA
Max
V
IN = 0.0V
I
OZ
Maximum TRI-STATE Current HIGH or
LOW
±10
µA
Max
V
IN = 0.0V or VIN =VCC
I
OS
Output Short-Circuit Current
-60
mA
Max
V
OUT = 0.0V
I
CCQ
Quiescent Power Supply Current
1.5
mA
Max
V
IN < 0.2V or VIN 5.3V, VCC =
5.5V
∆I
CC
Quiescent Power
Supply Current
2.0
mA
Max
V
I = 3.4V, VCC = 5.5V
I
CCD
Dynamic I
CC
0.4
mA/
MHz
Max
Outputs Open, V
CC = 5.5V, VIN
5.3V or V
IN < 0.2V, One Bit
Toggling, 50% Duty Cycle, OE =
GND, LE = V
CC
I
CCT
Total Power Supply
Current
6.0
mA
Max
Outputs Open, f
CP = 10 MHz,
V
CC = 5.5V, VIN 5.3V or VIN <
0.2V, One Bit Toggling, 50%
Duty Cycle, OE = GND, LE =
V
CC
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions
is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com