Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC0803LCN/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC0803LCN/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0803LCN/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC0803LCN/NOPB Datasheet HTML 15Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 16Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 17Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 18Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 19Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 20Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 21Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 22Page - Texas Instruments ADC0803LCN/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
(1)
CS shown twice for clarity.
(2)
SAR = Successive Approximation Register.
Figure 48. Block Diagram
After the “1” is clocked through the 8-bit shift register (which completes the SAR search) it appears as the input
to the D-type latch, LATCH 1. As soon as this “1” is output from the shift register, the AND gate, G2, causes the
new digital word to transfer to the TRI-STATE output latches. When LATCH 1 is subsequently enabled, the Q
output makes a high-to-low transition which causes the INTR F/F to set. An inverting buffer then supplies the
INTR input signal.
Note that this SET control of the INTR F/F remains low for 8 of the external clock periods (as the internal clocks
run at 1/8 of the frequency of the external clock). If the data output is continuously enabled (CS and RD both
held low), the INTR output will still signal the end of conversion (by a high-to-low transition), because the SET
input can control the Q output of the INTR F/F even though the RESET input is constantly at a M "1M " level in
this operating mode. This INTR output will therefore stay low for the duration of the SET signal, which is 8
periods of the external clock frequency (assuming the A/D is not started during this interval).
When operating in the free-running or continuous conversion mode (INTR pin tied to WR and CS wired low – see
Continuous Conversions), the START F/F is SET by the high-to-low transition of the INTR signal. This resets the
SHIFT REGISTER which causes the input to the D-type latch, LATCH 1, to go low. As the latch enable input is
still present, the Q output will go high, which then allows the INTR F/F to be RESET. This reduces the width of
the resulting INTR output pulse to only a few propagation delays (approximately 300 ns).
When data is to be read, the combination of both CS and RD being low will cause the INTR F/F to be reset and
the TRI-STATE output latches will be enabled to provide the 8-bit digital outputs.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com