Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4921ITL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4921ITL/NOPB
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4921ITL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4921ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4921ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
LM4921
Low Voltage I2S 16-Bit Stereo DAC with Stereo
Headphone Power Amplifiers and Volume Control
Check for Samples: LM4921
1
FEATURES
APPLICATIONS
2
•
16-Bit Resolution Stereo DAC
•
Mobile Phones
•
I2S Digital Audio Data Serial Interface
•
PDAs
•
SPI Serial Interface (Control Register)
•
Portable Electronic Devices
•
Volume Control (32 steps; 1.5 dB Increments)
DESCRIPTION
•
Up to 50mW/Channel Stereo Headphone
The LM4921 combines a 16-bit resolution stereo I2S
Amplifier
input digital-to-analog converter (DAC) with a stereo
•
Zero Crossing Detection for Silent Attenuation
headphone audio power amplifier. It is primarily
Steps
designed
for
demanding
applications
in
mobile
phones and other portable communication device
•
2.6VDC to 5.0VDC Digital Supply Voltage Range
applications. The LM4921 features an I2S serial
•
2.6VDC to 5.5VDC Analog Supply Voltage Range
interface for the digital audio information and a 16-bit
(See (1))
SPI serial interface for internal register control and
•
Unity-Gain Stable Headphone Amplifiers
communication. With AVDD and DVDD = 3.0VDC and
driving a 32
Ω single-ended load to a 26mWRMS
•
Available in the 20-bump DSBGA Package
output level the distortion (THD+N) of the LM4921 will
be less than 0.5%. The LM4921 also features a
KEY SPECIFICATIONS
programmable
32-step
digital
volume
control
•
PSRR at 217Hz, A/DVDD = 3V, (See Figure 1):
accessed through an SPI interface.
52dB (typ)
Boomer
audio
power
amplifiers
were
designed
•
POUT at AVDD = 3.0V, 32Ω
specifically to provide high quality output power with a
–
< 0.05% THD: 13mW (typ)
minimal amount of external components. It is,
therefore, ideally suited for mobile phone and other
–
< 0.05% THD: 26mW (typ)
low
voltage
applications
where
minimal
power
•
Supply Voltage Range
consumption is a primary requirement.
–
DVDD: 2,6V to 5.0V
The LM4921 features a low-power consumption
–
AVDD: (See
(1)) 2.6V to 5.5V
shutdown mode, and also has an internal thermal
•
Shutdown Current: 1µA (typ)
shutdown protection mechanism.
(1)
Best operation is achieved by maintaining 3.0V
≤ AVDD ≤ 5.0V
and 3.0V
≤ DVDD ≤ 5.0V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4921ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4921ITL/NOPB TI2-LM4921ITL/NOPB Datasheet
640Kb / 27P
LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
REVISED MAY 2013
LM4921ITL/NOPB.A TI2-LM4921ITL/NOPB.A Datasheet
640Kb / 27P
LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
REVISED MAY 2013
More results

Similar Description - LM4921ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
Stereo high performance 16-bit DAC
February 1991
TDA1543 PHILIPS-TDA1543 Datasheet
99Kb / 13P
Dual 16-bit DAC economy version I2S input format
February 1991
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
logo
Realtek Semiconductor C...
ALC5627 REALTEK-ALC5627 Datasheet
876Kb / 49P
I2S/PCM STEREO DAC MULTIPLE ANALOG INPUTS, HEADPHONE
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com