Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD548SH Datasheet(PDF) 2 Page - Analog Devices

Part # AD548SH
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548SH Datasheet(HTML) 2 Page - Analog Devices

  AD548SH Datasheet HTML 1Page - Analog Devices AD548SH Datasheet HTML 2Page - Analog Devices AD548SH Datasheet HTML 3Page - Analog Devices AD548SH Datasheet HTML 4Page - Analog Devices AD548SH Datasheet HTML 5Page - Analog Devices AD548SH Datasheet HTML 6Page - Analog Devices AD548SH Datasheet HTML 7Page - Analog Devices AD548SH Datasheet HTML 8Page - Analog Devices AD548SH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD548–SPECIFICATIONS
AD548J
AD548K/B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
0.75
2.0
0.3
0.5
mV
TMIN to TMAX
3.0/3.0/3.0
0.7/0.8
mV
vs. Temperature
20
5
µV/°C
vs. Supply
80
86
dB
vs. Supply, TMIN to TMAX
76/76/76
80
dB
Long-Term Offset Stability
15
15
µV/Month
INPUT BIAS CURRENT
Either Input
2, V
CM = 0
5
20
3
10
pA
Either Input2 at TMAX, VCM = 0
0.45/1.3/20
0.25/0.65
nA
Max Input Bias Current Over
Common-Mode Voltage Range
30
15
pA
Offset Current, VCM = 0
5
10
2
5
pA
Offset Current at TMAX
0.25/0.65/10
0.15/0.35
nA
INPUT IMPEDANCE
Differential
1
× 1012 31 × 1012 3
Ω pF
Common Mode
3
× 1012 33 × 1012 3
Ω pF
INPUT VOLTAGE RANGE
Differential
3
±20
±20
V
Common Mode
±11
±12
±11
±12
V
Common-Mode Rejection
VCM =
±10 V
76
90
82
92
dB
TMIN to TMAX
76/76/76
90
82
92
dB
VCM =
±11 V
70
84
76
86
dB
TMIN to TMAX
70/70/70
84
76
86
dB
INPUT VOLTAGE NOISE
Voltage 0.1 Hz to 10 Hz
2
2
µV p-p
f = 10 Hz
80
80
nV/
√Hz
f = 100 Hz
40
40
nV/
√Hz
f = 1 kHz
30
30
nV/
√Hz
f = 10 kHz
30
30
nV/
√Hz
INPUT CURRENT NOISE
f = 1 kHz
1.8
1.8
fA/
√Hz
FREQUENCY RESPONSE
Unity Gain, Small Signal
0.8
1.0
0.8
1.0
MHz
Full Power Response
30
30
kHz
Slew Rate, Unity Gain
1.0
1.8
1.0
1.8
V/
µs
Settling Time to
±0.01%
8
8
µs
OPEN LOOP GAIN
VO =
±10 V, RL ≥ 10 kΩ
300
1000
300
1000
3V/mV
TMIN to TMAX, RL
≥ 10 kΩ
300/300/300
700
300
700
V/mV
VO =
±10 V, RL ≥ 5 kΩ
150
500
150
500
V/mV
TMIN to TMAX, RL
≥ 5 kΩ
150/150/150
300
150
300
V/mV
OUTPUT CHARACTERISTICS
Voltage @ RL
≥ 10 kΩ,
±12
±13
±12
±13
V
TMIN to TMAX
±12/±12/±12
±12
Voltage @ RL
≥ 5 kΩ,
±11
±12.3
±11
±12.3
V
TMIN to TMAX
±11/±11/±11
±11
Short Circuit Current
15
15
mA
(@ 25 C and VS =
15 V dc unless otherwise noted.)
REV. D
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com