Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM104W-A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM104W-A
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM104W-A Datasheet(HTML) 2 Page - STMicroelectronics

  TSM104W-A Datasheet HTML 1Page - STMicroelectronics TSM104W-A Datasheet HTML 2Page - STMicroelectronics TSM104W-A Datasheet HTML 3Page - STMicroelectronics TSM104W-A Datasheet HTML 4Page - STMicroelectronics TSM104W-A Datasheet HTML 5Page - STMicroelectronics TSM104W-A Datasheet HTML 6Page - STMicroelectronics TSM104W-A Datasheet HTML 7Page - STMicroelectronics TSM104W-A Datasheet HTML 8Page - STMicroelectronics TSM104W-A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM104W/A
2/9
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
36
V
Vid
Differential Input Voltage
36
V
Vi
Input Voltage
-0.3 to Vcc + 0.3
V
Output Short-circuit Duration
Infinite
Toper
Operating Free-Air Temperature Range
-55 to +125
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (SO package)
150
°C/W
ESD
Electrostatic Discharge Protection
2
kV
Symbol
Parameter
Min
Typ
Max
Unit
ICC
Total Supply Current, excluding current in the Voltage
Reference
VCC
+ = 5V, no load
Tmin. < Tamb < Tmax.
VCC
+ = 30V, no load
Tmin. < Tamb < Tmax.
1.4
2.4
4
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com