Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP754 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP754
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP754 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP754 Datasheet HTML 1Page - Toshiba Semiconductor TLP754 Datasheet HTML 2Page - Toshiba Semiconductor TLP754 Datasheet HTML 3Page - Toshiba Semiconductor TLP754 Datasheet HTML 4Page - Toshiba Semiconductor TLP754 Datasheet HTML 5Page - Toshiba Semiconductor TLP754 Datasheet HTML 6Page - Toshiba Semiconductor TLP754 Datasheet HTML 7Page - Toshiba Semiconductor TLP754 Datasheet HTML 8Page - Toshiba Semiconductor TLP754 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP754
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP754
TLP754
TLP754
TLP754
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Intelligent Power Module Signal Isolation
•
Factory Automation (FA)
•
Transistor Inverters
2.
2.
2.
2. General
General
General
General
The TLP754 is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance
and specifications at temperatures up to 125.
An internal noise shield provides a guaranteed commonmode transient immunity of 20 kV/µs. The TLP754
guarantees minimum and maximum of propagation delay time, pulse width distortion. Therefore it is suitable
for isolation interface between IPM and control IC circuits in motor control application.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: DIP8
(3)
Operating temperature: -40 to 125
(4)
Supply voltage: -0.5 to 30 V
(5)
Threshold input current: 5.0 mA (max)
(6)
Supply current: 1.3 mA (max)
(7)
Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8)
Pulse width distortion: |tpHL - tpLH| = 400 ns (max)
(9)
Common-mode transient immunity: ±20 kV/µs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
VDE-approved: Option (D4) EN60747-5-2
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
1: N.C.
2: Anode
3: Cathode
4: N.C.
5: GND
6: VO (Output)
7: N.C.
8: VCC
11-10C4S
2012-02-02
Rev.2.0


Similar Part No. - TLP754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
Inverter logic type (open collector output)
More results

Similar Description - TLP754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com