Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSV5X3CAC1E12V Datasheet(PDF) 1 Page - OptoSupply International

Part # OSV5X3CAC1E12V
Description  4.5W 12V COB Violet Star LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSV5X3CAC1E12V Datasheet(HTML) 1 Page - OptoSupply International

  OSV5X3CAC1E12V Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.5W 12V COB Violet Star LED
OSV5X3CAC1E
Ver.0
■
Features
■
Outline Dimension
●
Highest luminous flux
●
Super energy efficiency
●
Very long operating life
●
Superior UV Resistance
■
Applications
●
Photo-catalyst
●
Money Detector
●
UV-Curing
●
Other Lighting
Unit:mm
Tolerance:±0.30mm
Anode
Cathode
Top View
Side View
■
Absolute Maximum Rating
(Ta=25
℃
℃
℃
℃))))
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
500
mA
Pulse Forward Current*
IFP
700
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
6,000
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25
℃
℃
℃
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=400mA
10.2
11.1
12
V
DC Reverse Current
IR
VR=25V
-
-
10
µA
Radiant flux*
Φe
IF=400mA
700
800
-
mW
Peak Wavelength*
λ
p
IF=400mA
400
405
410
nm
50% Power Angle
2θ1/2
IF=400mA
-
120
-
deg
Note: *1. Tolerance of Radiant Flux is
±15%
*2. Tolerance of Peak Wavelength is
±1nm
*3
Don’t drive at rated current more than 5s without heat sink for High Power emitter series.
LED & Application Technologies


Similar Part No. - OSV5X3CAC1E12V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSV5X3CAC1E12V OPTOSUPPLY-OSV5X3CAC1E12V Datasheet
130Kb / 1P
4.5W 12V COB Violet Star LED
More results

Similar Description - OSV5X3CAC1E12V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4WF3CBC1E OPTOSUPPLY-OS4WF3CBC1E Datasheet
131Kb / 1P
3*1.5W Pure White Star COB LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
120Kb / 1P
4.5W Star COB Violet LED
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
High Luminous Efficacy Star MCPCB COB 6W LED
OSV4D6CAC1E OPTOSUPPLY-OSV4D6CAC1E Datasheet
164Kb / 1P
4.5W Star COB Violet LED
OSV5X3CAC1E12V OPTOSUPPLY-OSV5X3CAC1E12V Datasheet
130Kb / 1P
4.5W 12V COB Violet Star LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
high luminous efficacy star mcpcb cob 6w led
logo
Rohm
LBF6214-10DLXA-6B ROHM-LBF6214-10DLXA-6B Datasheet
152Kb / 6P
LED COB
LBF6222-20DLXA-A ROHM-LBF6222-20DLXA-A Datasheet
216Kb / 6P
LED COB
LBF6222-20DLXA-B ROHM-LBF6222-20DLXA-B Datasheet
257Kb / 6P
LED COB
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com