Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9974BBCZRL Datasheet(PDF) 25 Page - Analog Devices

Part # AD9974BBCZRL
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZRL Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9974BBCZRL Datasheet HTML 21Page - Analog Devices AD9974BBCZRL Datasheet HTML 22Page - Analog Devices AD9974BBCZRL Datasheet HTML 23Page - Analog Devices AD9974BBCZRL Datasheet HTML 24Page - Analog Devices AD9974BBCZRL Datasheet HTML 25Page - Analog Devices AD9974BBCZRL Datasheet HTML 26Page - Analog Devices AD9974BBCZRL Datasheet HTML 27Page - Analog Devices AD9974BBCZRL Datasheet HTML 28Page - Analog Devices AD9974BBCZRL Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AD9974
Rev. A | Page 25 of 52
COMPLETE FIELD—COMBINING H-PATTERNS
After the H-patterns are created, they combine to create different
readout fields. A field consists of up to nine different regions
determined by the SCP registers. Within each region, a different
H-pattern group can be selected up to a maximum of 32 groups.
Registers to control the H-patterns are located in the field registers.
Table 31 describes the field registers.
H-Pattern Selection
The H-patterns are stored in the HPAT memory, as described in
Table 20. The user decides how many H-pattern groups are
required, up to a maximum of 32, and then uses the HPAT_SEL
registers to select which H-pattern group is output in each
region of the field. Figure 34 shows how to use the HPAT_SEL
and SCP registers. The SCP registers create the line boundaries
for each region.
VD
REGION 0
FIELD SETTINGS:
1. SEQUENCE CHANGE POSITIONS (SCP0-8) DEFINE EACH OF THE NINE AVAILABLE REGIONS IN THE FIELD.
2. HPAT_SEL SELECTS THE DESIRED H-PATTERN FOR EACH REGION.
H-PATTERNS
HD
SCP 1
SCP 2
HPAT_SEL0
HPAT_SEL1
SCP3
HPAT_SEL2
SCP4
HPAT_SEL3
SCP5
HPAT_SEL4
SCP8
HPAT_SEL8
REGION 1
REGION 2
REGION 3
REGION 4
REGION 8
SCP 0
Figure 34. Complete Field Divided into Regions
Table 14. Field Registers
Register
Length (Bits)
Range
Description
SCPx
13
0 to 8191 line number
Sequence change position for each region. Selects an individual line.
HPAT_SELx
5
0 to 31 H-patterns
Selected H-pattern for each region of the field.
CLPOB_POL
9
High/low
CLPOB start polarity settings for each region of the field.
CLPOB_PAT
9
0 to 9 patterns
CLPOB pattern selector for each region of the field.
CLPOBMASKSTARTx,
CLPOBMASKENDx
13
Number of lines
CLPOB mask positions for up to three masking configurations.
PBLK_POL
9
High/low
PBLK start polarity settings for each region of the field.
PBLK_PAT
9
0 to 9 patterns
PBLK pattern selector for each region of the field.
PBLKMASKSTARTx,
PBLKMASKENDx,
13
Number of lines
PBLK mask positions for up to three masking configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com