Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCMP562BRQ Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP562BRQ
Description  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP562BRQ Datasheet(HTML) 3 Page - Analog Devices

  ADCMP562BRQ Datasheet HTML 1Page - Analog Devices ADCMP562BRQ Datasheet HTML 2Page - Analog Devices ADCMP562BRQ Datasheet HTML 3Page - Analog Devices ADCMP562BRQ Datasheet HTML 4Page - Analog Devices ADCMP562BRQ Datasheet HTML 5Page - Analog Devices ADCMP562BRQ Datasheet HTML 6Page - Analog Devices ADCMP562BRQ Datasheet HTML 7Page - Analog Devices ADCMP562BRQ Datasheet HTML 8Page - Analog Devices ADCMP562BRQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 3 of 16
SPECIFICATIONS
VCC = +5.0 V, VEE = −5.2 V, VDD = +3.3 V, TA = −40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.
Table 1. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Input Voltage Range
−2.0
3.0
V
Input Differential Voltage
−5
+5
V
Input Offset Voltage
VOS
VCM = 0 V
−10.0
±2.0
+10.0
mV
Input Offset Voltage Channel Matching
±2.0
mV
Offset Voltage Tempco
∆VOS/dT
2.0
µV/°C
Input Bias Current
IIN
−IN = −2 V, +IN = +3 V
−10.0
±3
+10.0
µA
Input Bias Current Tempco
0.5
nA/°C
Input Offset Current
±1.0
µA
Input Capacitance
CIN
0.75
pF
Input Resistance, Differential Mode
750
kΩ
Input Resistance, Common Mode
1800
kΩ
Active Gain
AV
63
dB
Common-Mode Rejection Ratio
CMRR
VCM = −2.0 V to +3.0 V
80
dB
Hysteresis
RHYS = ∞
±1.0
mV
LATCH ENABLE CHARACTERISTICS
Latch Enable Voltage Range
VDD − 2.0
VDD
V
Latch Enable Differential Voltage Range
0.4
2.0
V
Latch Enable Input High Current
@ VDD
−300
+300
µA
Latch Enable Input Low Current
@ VDD −2.0 V
−300
+300
µA
LE Voltage, Open
Latch inputs not connected
VDD − 0.2
VDD
VDD + 0.1
V
LE Voltage, Open
Latch inputs not connected
VDD/2 − 0.2
VDD/2
VDD/2 + 0.2
V
Latch Setup Time
tS
VOD = 250 mV
250
ps
Latch Hold Time
tH
VOD = 250 mV
250
ps
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 250 mV
600
ps
Latch Minimum Pulse Width
tPL
VOD = 250 mV
500
ps
DC OUTPUT CHARACTERISTICS
Output Voltage—High Level
VOH
PECL 50 Ω to VDD − 2.0 V
VDD − 1.15
VDD − 0.81
V
Output Voltage—Low Level
VOL
PECL 50 Ω to VDD − 2.0 V
VDD − 1.95
VDD − 1.54
V
Rise Time
tR
10% to 90%
550
ps
Fall Time
tF
10% to 90%
470
ps
AC PERFORMANCE
Propagation Delay
tPD
VOD = 1 V
700
ps
VOD = 20 mV
830
ps
Propagation Delay Tempco
∆tPD /dT
VOD = 1 V
0.25
ps/°C
Prop Delay Skew—Rising Transition to
Falling Transition
VOD = 1 V
50
ps
Within Device Propagation Delay Skew—
Channel-to-Channel
VOD = 1 V
50
ps
Overdrive Dispersion
20 mV ≤ VOD ≤ 100 mV
75
ps
Overdrive Dispersion
100 mV ≤ VOD ≤ 1.5 V
75
ps
Slew Rate Dispersion
0.4 V/ns ≤ SR ≤ 1.33 V/ns
50
ps
Pulse Width Dispersion
700 ps ≤ PW ≤ 10 ns
25
ps
Duty Cycle Dispersion
33 MHz, 1 V/ns, 0.5 V
15
ps
Common-Mode Voltage Dispersion
1 V swing, −1.5 V ≤ VCM ≤ +2.5 V
10
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com