Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADRF6850EB1Z Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADRF6850EB1Z
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADRF6850EB1Z Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADRF6850EB1Z Datasheet HTML 17Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 18Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 19Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 20Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 21Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 22Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 23Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 24Page - Analog Devices EVAL-ADRF6850EB1Z Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADRF6850
Rev. 0 | Page 21 of 36
recommended that the user tie the CS line to either 3.3 V or
GND, thus disabling SPI mode.
The serial data (SDA) and serial clock (SCL) inputs carry infor-
mation between any devices that are connected to the bus. Each
slave device is recognized by a unique address. The ADRF6850
has two possible 7-bit slave addresses for both read and write
operations, 0x78 and 0x58. The MSB of the 7-bit slave address
is set to 1. Bit 5 of the slave address is set by the CS pin (Pin 27).
Bits[4:0] of the slave address are set to 11000. The slave address
consists of the seven MSBs of an 8-bit word. The LSB of the word
sets either a read or a write operation (see Figure 61). Logic 1 cor-
responds to a read operation, whereas Logic 0 corresponds to a
write operation.
To control the device on the bus, the following protocol must
be followed:
1.
The master initiates a data transfer by establishing a start
condition, defined by a high-to-low transition on SDA
while SCL remains high. This indicates that an address/
data stream follows.
2.
All peripherals respond to the start condition and shift the
next eight bits (the 7-bit address and the R/W bit). The bits
are transferred from MSB to LSB.
3.
The peripheral that recognizes the transmitted address
responds by pulling the data line low during the ninth
clock pulse. This is known as an acknowledge bit.
4.
All other devices then withdraw from the bus and maintain
an idle condition. During the idle condition, the device
monitors the SDA and SCL lines waiting for the start
condition and the correct transmitted address.
5.
The R/W bit determines the direction of the data. Logic 0
on the LSB of the first byte indicates that the master writes
information to the peripheral. Logic 1 on the LSB of the
first byte indicates that the master reads information from
the peripheral.
The ADRF6850 acts as a standard slave device on the bus. The
data on the SDA pin is eight bits long, supporting the 7-bit
addresses plus the R/W bit. The ADRF6850 has 34 subaddresses
to enable the user-accessible internal registers; therefore, it
interprets the first byte as the device address and the second
byte as the starting subaddress.
Auto-increment mode is supported, which allows data to
be read from or written to the starting subaddress, and each
subsequent address, without manually addressing the subsequent
subaddress. A data transfer is always terminated by a stop con-
dition. The user can also access any unique subaddress register
on a one-by-one basis without updating all registers.
Stop and start conditions can be detected at any stage of the data
transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. If an invalid subaddress is issued by the user,
the ADRF6850 does not issue an acknowledge and returns to the
idle condition. In a no acknowledge condition, the SDA line is
not pulled low on the ninth pulse. See Figure 62 and Figure 63
for sample write and read data transfers, Figure 64 for the timing
protocol, and Figure 2 for a more detailed timing diagram.
1
A5
0
00
00
X
MSB = 1
SET BY
PIN 27
0 = WR
1 = RD
SLAVE ADDRESS[6:0]
R/W
CTRL
Figure 61. Slave Address Configuration
S
SLAVE ADDR, LSB = 0 (WR)
A(S)
A(S)
A(S)
DATA
SUBADDR
A(S)
P
DATA
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
Figure 62. I2C Write Data Transfer
S
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(M) = NO ACKNOWLEDGE BY MASTER
S
SLAVE ADDR, LSB = 0 (WR)
SLAVE ADDR, LSB = 1 (RD)
A(S)
A(S)
SUBADDR
A(S) DATA
A(M)
DATA
P
A(M)
Figure 63. I2C Read Data Transfer
START BIT
S
STOP BIT
P
ACK
ACK
WR
ACK
D0
D7
A0
A7
A5
A6
SLAVE
ADDR[4:0]
SLAVE ADDRESS
SUBADDRESS
DATA
SUBADDR[6:1]
DATA[6:1]
SCL
SDA
Figure 64. I2C Data Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com