Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7660AIBA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7660AIBA
Description  Simple Conversion of 5V Logic Supply to 짹5V Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660AIBA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7660AIBA Datasheet HTML 1Page - Intersil Corporation ICL7660AIBA Datasheet HTML 2Page - Intersil Corporation ICL7660AIBA Datasheet HTML 3Page - Intersil Corporation ICL7660AIBA Datasheet HTML 4Page - Intersil Corporation ICL7660AIBA Datasheet HTML 5Page - Intersil Corporation ICL7660AIBA Datasheet HTML 6Page - Intersil Corporation ICL7660AIBA Datasheet HTML 7Page - Intersil Corporation ICL7660AIBA Datasheet HTML 8Page - Intersil Corporation ICL7660AIBA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN3072.7
ICL7660, ICL7660A
CMOS Voltage Converters
The Intersil ICL7660 and ICL7660A are monolithic CMOS
power supply circuits which offer unique performance
advantages over previously available devices. The ICL7660
performs supply voltage conversions from positive to
negative for an input range of +1.5V to +10.0V resulting in
complementary output voltages of -1.5V to -10.0V and the
ICL7660A does the same conversions with an input range of
+1.5V to +12.0V resulting in complementary output voltages
of -1.5V to -12.0V. Only 2 noncritical external capacitors are
needed for the charge pump and charge reservoir functions.
The ICL7660 and ICL7660A can also be connected to
function as voltage doublers and will generate output
voltages up to +18.6V with a +10V input.
Contained on the chip are a series DC supply regulator, RC
oscillator, voltage level translator, and four output power
MOS switches. A unique logic element senses the most
negative voltage in the device and ensures that the output
N-Channel switch source-substrate junctions are not forward
biased. This assures latchup free operation.
The oscillator, when unloaded, oscillates at a nominal
frequency of 10kHz for an input supply voltage of 5.0V. This
frequency can be lowered by the addition of an external
capacitor to the “OSC” terminal, or the oscillator may be
overdriven by an external clock.
The “LV” terminal may be tied to GROUND to bypass the
internal series regulator and improve low voltage (LV)
operation. At medium to high voltages (+3.5V to +10.0V for
the ICL7660 and +3.5V to +12.0V for the ICL7660A), the LV
pin is left floating to prevent device latchup.
Pinouts
ICL7660, ICL7660A
(8 LD PDIP, SOIC)
TOP VIEW
Features
• Simple Conversion of +5V Logic Supply to
±5V Supplies
• Simple Voltage Multiplication (VOUT = (-) nVIN)
• Typical Open Circuit Voltage Conversion Efficiency 99.9%
• Typical Power Efficiency 98%
• Wide Operating Voltage Range
- ICL7660 . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 10.0V
- ICL7660A . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 12.0V
• ICL7660A 100% Tested at 3V
• Easy to Use - Requires Only 2 External Non-Critical
Passive Components
• No External Diode Over Full Temp. and Voltage Range
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• On Board Negative Supply for Dynamic RAMs
• Localized
µProcessor (8080 Type) Negative Supplies
• Inexpensive Negative Supplies
• Data Acquisition Systems
NC
CAP+
GND
CAP-
1
2
3
4
8
7
6
5
V+
OSC
LV
VOUT
Data Sheet
October 10, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1999-2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL7660AIBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
280Kb / 11P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
280Kb / 11P
CMOS Voltage Converters
October 10, 2005
More results

Similar Description - ICL7660AIBA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
logo
National Semiconductor ...
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
ADS7845 TI-ADS7845 Datasheet
323Kb / 16P
5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
logo
Intersil Corporation
ICL7660AIBA INTERSIL-ICL7660AIBA Datasheet
280Kb / 11P
Simple Conversion of 5V Logic Supply to 짹5V Supplies
October 10, 2005
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Maxim Integrated Produc...
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX31865PMB1 MAXIM-MAX31865PMB1 Datasheet
536Kb / 7P
Simple Conversion of Platinum RTD Resistance to Digital Value
19-6909; Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com