Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5336 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5336
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5336 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5336 Datasheet HTML 1Page - Renesas Technology Corp 2SC5336 Datasheet HTML 2Page - Renesas Technology Corp 2SC5336 Datasheet HTML 3Page - Renesas Technology Corp 2SC5336 Datasheet HTML 4Page - Renesas Technology Corp 2SC5336 Datasheet HTML 5Page - Renesas Technology Corp 2SC5336 Datasheet HTML 6Page - Renesas Technology Corp 2SC5336 Datasheet HTML 7Page - Renesas Technology Corp 2SC5336 Datasheet HTML 8Page - Renesas Technology Corp 2SC5336 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P10938EJ2V0DS00 (2nd edition)
Date Published August 2001 NS CP(K)
Printed in Japan
©
1996, 2001
NPN SILICON RF TRANSISTOR
2SC5336
NPN SILICON RF TRANSISTOR FOR
HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
4-PIN POWER MINIMOLD
The mark
•
•
•
• shows major revised points.
FEATURES
• High gain:
S21e2 = 12 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
• 4-pin power minimold package with improved gain from the 2SC3357
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5336
25 pcs (Non reel)
• Magazine case
2SC5336-T1
1 kpcs/reel
• 12 mm wide embossed taping
• Collector face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 25 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
1.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 16 cm
2
× 0.7 mm (t) ceramic substrate (Copper plating)
Because this product uses high-frequency technology, avoid excessive static electricity, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com