Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HN58C256AI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HN58C256AI
Description  256k EEPROM (32-kword 횞 8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58C256AI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HN58C256AI Datasheet HTML 10Page - Renesas Technology Corp HN58C256AI Datasheet HTML 11Page - Renesas Technology Corp HN58C256AI Datasheet HTML 12Page - Renesas Technology Corp HN58C256AI Datasheet HTML 13Page - Renesas Technology Corp HN58C256AI Datasheet HTML 14Page - Renesas Technology Corp HN58C256AI Datasheet HTML 15Page - Renesas Technology Corp HN58C256AI Datasheet HTML 16Page - Renesas Technology Corp HN58C256AI Datasheet HTML 17Page - Renesas Technology Corp HN58C256AI Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 15 of 16
Oct 07, 2013
HN58C256AFPI Series (PRSP0028DC-A / Previous Code: FP-28DV)
F
*2
p
M
x
y
1
Index mark
14
28
15
Z
D
b
1
p
Terminal cross section
b
b
1
Detail F
L
L
q
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
18.3
1.7
0.20
0°
8°
11.8
0.12 0.17 0.22
0.38
0.48
0.10 0.20 0.30
8.4
0.15
0.8
1.0
1.2
2.50
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
18.8
A1
0.32 0.40
12.1
11.5
1.27
0.15
1.12
NOTE)
1. DIMENSION"
*1"
DOES NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*2"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP28-8.4x18.3-1.27
0.7g
MASS[Typ.]
FP-28D
PRSP0028DC-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com