| Electronic Components Datasheet Search |
|
XS3F-M421-405-R Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS3F-M421-405-R Datasheet(HTML) 8 Page - Omron Electronics LLC |
|
8 / 17 page ![]() E3G-L1/L3 E3G-L1/L3 9 Nomenclature UP/DOWN selector Selects the switching direction at threshold. Operation indicator (Orange) ON when output is ON. Distance indicator (Green) Display the distance relative to the threshold. Threshold indicator (Red) Indicates threshold level. For teaching or for threshold adjustment Operation mode selector Selects L-ON or D-ON. NORMAL/ZONE selector Selects the detection mode. Mode selector Selects the mode. NORM L ZONE D ADJ FAR SET TEACH OUT RUN SET button NEAR Installation J MOUNTING DIRECTIONS Non-shiny Targets Make sure the sensing side of the sensor is parallel with the surface of the target object. Do not tilt the sensor towards the target object. Sensing side Surface of target object Shiny Targets If the target object has a glossy surface, incline the sensor by 5# to 10# as shown below, provided that the sensor is not influenced by any background objects. Glossy object If there is a mirror--like object below the sensor, the sensor may not be in stable operation. Tilt the sensor or keep the sensor far enough away from the mirror--like object to avoid interfering reflections as shown below. Target object Mirror--like object Make sure not to install the sensor in the incorrect direction. Refer to the following. Target object Moving direction Target object Target object Moving direction Moving direction Correct Incorrect Install the sensor as shown in the following if the target object greatly differs in color or material. Moving direction Moving direction Correct Incorrect |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |