Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM186EM-40VCW Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # AM186EM-40VCW
Description  8-Bit/16-Bit Microcontrollers
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM186EM-40VCW Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button AM186EM-40VCW Datasheet HTML 35Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 36Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 37Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 38Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 39Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 40Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 41Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 42Page - InnovASIC, Inc AM186EM-40VCW Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
IA186EM/IA188EM
Data Sheet
8-Bit/16-Bit Microcontrollers
February 25, 2011
IA211050831-19
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 39 of 146
1-888-824-4184
®
2.2.36 sdata
—Serial Data (synchronous inout)
The sdata pin connects a slave device to synchronous serial transmit and receive data. The last
value is retained on this pin when it is inactive.
2.2.37 sden1
–sden0—Serial Data Enables (synchronous outputs with tristate)
The sden1–sden0 pins facilitate the transfer of data on ports 1 and 0 of the Synchronous Serial
Interface (SSI). Either sden1 or sden0 is asserted by the microcontroller at the start of the data
transfer and is de-asserted when the transfer is completed. These pins are held low by the
microcontroller when they are inactive.
2.2.38 srdy/pio6
—Synchronous Ready (synchronous level-sensitive input)
This signal is an active high input synchronized to clkouta and indicates to the microcontroller
that a data transfer will be completed by the addressed memory space or I/O device.
In contrast to the Asynchronous Ready (ardy), which requires internal synchronization, srdy
permits easier system timing because it already synchronized. Tying srdy high will always assert
this ready condition. Tying it low will give control to ardy.
2.2.39 tmrin0/pio11
—Timer Input 0 (synchronous edge-sensitive input)
This signal may be either a clock or control signal for the internal Timer 0. The timer is
incremented by the microcontroller after it synchronizes a rising edge of tmrin0. When not used,
tmrin0 must be tied high, or when used as pio11, it is pulled up internally.
2.2.40 tmrin1/pio0
—Timer Input 1 (synchronous edge-sensitive input)
This signal may be either a clock or control signal for the internal Timer 1. The timer is
incremented by the microcontroller after it synchronizes a rising edge of tmrin1. When not used,
tmrin1 must be tied high, or when used as pio0, it is pulled up internally.
2.2.41 tmrout0/pio10
—Timer Output 0 (synchronous output)
This signal provides the system with a single pulse or a continuous waveform with a
programmable duty cycle. It is tristated during a bus hold or reset.
2.2.42 tmrout1/pio1
—Timer Output 1 (synchronous output)
This signal provides the system with a single pulse or a continuous waveform with a
programmable duty cycle. It is tristated during a bus hold or reset.
2.2.43 txd/pio22
—Transmit Data (asynchronous output)
This pin provides the system with asynchronous serial transmit data from the serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com