Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-33VCW Datasheet(PDF) 83 Page - InnovASIC, Inc

Part # AM188ES-33VCW
Description  8-Bit/16-Bit Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM188ES-33VCW Datasheet(HTML) 83 Page - InnovASIC, Inc

Back Button AM188ES-33VCW Datasheet HTML 79Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 80Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 81Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 82Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 83Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 84Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 85Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 86Page - InnovASIC, Inc AM188ES-33VCW Datasheet HTML 87Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 83 of 154
1-888-824-4184
®
Table 41. Serial Port Status Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
BRK1
BRK0
RB8
RDR
THRE
FER
OER
PER
TEMT
HS0
Res
Bits [15–11]—Reserved.
Bit [10]—BRK1 Long Break Detected → A long break is a low signal level on the rxd
pin for a period greater that 2M + 3 bit times, where:
M = start bit + number of data bits + parity bits + stop bit
(Equation 3)
– Should data reception be in progress when the break starts, the reception of the
current word will be completed and the timing for the break will begin. Because the
stop bit will not be detected due to the break, this will generate a framing error.
– Detection of the break with the 2M + 3 bit time period can only be guaranteed if the
break commences outside of a frame.
Note: This bit should be reset by software.
Bit [9]—BRK0 Short Break Detected → A short break is a low on the rxd pin for a
period greater than M bit times (see Equation 3 above).
– Should data reception be in progress when the break starts, the reception of the
current word will be completed and the timing for the break will begin. Because the
stop bit will not be detected due to the break, this will generate a framing error.
– Detection of the break with the M bit time period can only be guaranteed if the break
commences outside of a frame.
Note: This bit should be reset by software.
Bit [8]—RB8 Received Bit [8] → This is the ninth data bit received in modes 2 and 3
(see Section 5.1.26, SP0CT (080h) and SP1CT (010h)).
Note: This bit should be reset by software.
Bit [7]—RDR Receive Data Ready → When this bit is 1, it indicates that the respective
SPRD register contains valid data. This is a read-only bit and can be reset only by
reading the corresponding receive register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com