Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40VCW Datasheet(PDF) 77 Page - InnovASIC, Inc

Part # AM188ES-40VCW
Description  8-Bit/16-Bit Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM188ES-40VCW Datasheet(HTML) 77 Page - InnovASIC, Inc

Back Button AM188ES-40VCW Datasheet HTML 73Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 74Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 75Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 76Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 77Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 78Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 79Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 80Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 81Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 77 of 154
1-888-824-4184
®
Address Ranges of pcs Chip Selects
pcs_n Line
Range
Low
High
pcs0_n
Base Address
Base Address + 255
pcs1_n
Base Address + 256
Base Address + 511
pcs2_n
Base Address + 512
Base Address + 767
pcs3_n
Base Address + 768
Base Address + 1023
Reserved
NA
NA
pcs5_n
Base Address + 1280
Base Address
pcs6_n
Base Address + 1536
Base Address
Bits [6–4]—Reserved. Set to 1.
Bit [3]—R [3] → Wait State Value. See pcs3_n–pcs0_n Wait-State Encoding shown
below.
pcs3_n
–pcs0_n Wait-State Encoding
R3
R1
R0
Wait States
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
5
1
0
1
7
1
1
0
9
1
1
1
15
Bit [2]—R [2] → Ready Mode. When set to 1, external ready is ignored. When 0, it is
required. In each case the number of wait states is determined according to the
pcs3_n–pcs0_n Wait-State Encoding shown above.
Bits [1–0]—R [1–0] → Wait-State Value (see pcs3_n–pcs0_n Wait-State Encoding shown
above). The pcs6_n–pcs5_n and pcs3_n–pcs0_n pins are multiplexed with the PIO pins.
For them to function as chip selects, the PIO mode and direction settings for these pins
must be set to 0 for normal operation.
5.1.19 LMCS (0a2h)
The Low-Memory Chip Select (LMCS) Register configures the Low Memory Chip Select
provided to facilitate access to the interrupt vector table located at 00000h or the bottom of
memory. The lcs_n pin is not active at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com