Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BDP950 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BDP950
Description  PNP Silicon AF Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP950 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BDP950 Datasheet HTML 1Page - Infineon Technologies AG BDP950 Datasheet HTML 2Page - Infineon Technologies AG BDP950 Datasheet HTML 3Page - Infineon Technologies AG BDP950 Datasheet HTML 4Page - Infineon Technologies AG BDP950 Datasheet HTML 5Page - Infineon Technologies AG BDP950 Datasheet HTML 6Page - Infineon Technologies AG BDP950 Datasheet HTML 7Page - Infineon Technologies AG BDP950 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011-10-05
4
BDP948_BDP950_BDP954
DC current gain
hFE = ƒ(IC)
VCE = 2 V
10
0
10
1
10
2
10
3
10
4
mA
IC
1
10
2
10
3
10
-
100 °C
25 °C
-50 °C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
0.1
0.2
0.3
0.4
V
0.6
VCEsat
0
10
1
10
2
10
3
10
4
10
mA
100°C
25°C
-50°C
Base-emitter saturation voltage
IC = (VBEsat), hFE = 10
0
0.2
0.4
0.6
0.8
1
V
1.3
VBEsat
0
10
1
10
2
10
3
10
4
10
mA
-50°C
25°C
100°C
Collector current
IC = ƒ(VBE)
VCE = 2 V
0
0.2
0.4
0.6
0.8
1
V
1.3
VBE
0
10
1
10
2
10
3
10
4
10
mA
-50°C
25°C
100°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com