Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82050-PDW28I-R-01 Datasheet(PDF) 15 Page - InnovASIC, Inc

Part # IA82050-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28I-R-01 Datasheet(HTML) 15 Page - InnovASIC, Inc

Back Button IA82050-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 17Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 18Page - InnovASIC, Inc IA82050-PDW28I-R-01 Datasheet HTML 19Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 15 of 22
1-888-824-4184
®
5.
AC/DC Parameters
Table 8. AC/DC Parameters
Parameters
Absolute Maximum Ratings
Supply voltage, VDD
-0.3V to +6.0V
Input voltage, VIN
-0.3V to VDD +0.3V
Input pin current, IIN
±10 mA, 25 C
Operating temperature range
-40 C to +85°C
Ambient temperature under bias
-40°C to +85°C
Storage temperature
- 55°C to +150°C
Lead temperature
+300°C, 10 sec.
Power dissipation
155 mW, 125°C, 25MHz, 15% Toggle
Caution: Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. Operating the device beyond
the conditions indicated in the “recommended operating conditions” section
is not recommended. Operation at the “absolute maximum ratings” may
adversely affect device reliability.
The input and output parametric values in section VII-B, parts 1, 2 and 3, are directly related to
ambient temperature and DC supply voltage. A temperature or supply voltage range other than
those specified in the operating conditions above will affect these values, making invalidating
Innovasic’s guarantee of part performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com