Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8T143AM62T Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8T143AM62T
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143AM62T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8T143AM62T Datasheet HTML 23Page - STMicroelectronics STM8T143AM62T Datasheet HTML 24Page - STMicroelectronics STM8T143AM62T Datasheet HTML 25Page - STMicroelectronics STM8T143AM62T Datasheet HTML 26Page - STMicroelectronics STM8T143AM62T Datasheet HTML 27Page - STMicroelectronics STM8T143AM62T Datasheet HTML 28Page - STMicroelectronics STM8T143AM62T Datasheet HTML 29Page - STMicroelectronics STM8T143AM62T Datasheet HTML 30Page - STMicroelectronics STM8T143AM62T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
DocID18315 Rev 6
27/65
STM8T143
Device operation
64
Table 3. Option byte description
Option
byte no.
Description
OPT2
Bits [7:6]: Reserved, must be cleared
Bit 5: Output type in Control mode (see Section 6.2.2: Control mode)
0: Proximity output
1: Touch output
Bit 4: Release threshold ratio
0: 75 %
1: 87.5 %
Bits [3:1]: Gain target
000: 200
001: 250
010: 300
011: 350
100: 400
101: 550
110: 700
111: 850
Bit 0: Reserved, must be cleared
OPT1
Bit 7: Data streaming mode (see Section 6.2.3: Data streaming mode)
0: Disabled
1: Enabled
Bits [6:5]: Low power mode (see Section 6.4: Power modes)
00: Normal power mode
01: Low power mode 1
10: Low power mode 2
11: Low power mode 3
Bits [4:3]: Reference freeze timeout tRFT(see Section 5.6: Debounce filter)
00: Infinite
01: 18 s
10: 60 s
11: 3 s
Bit 2: Dynamic calibration delay (tDYCAL)
0: 250 ms
1: 1 s
Bit 1: Reserved, must be cleared
Bit 0: Dual output/Control mode (see Section 6.2.1: Dual output mode)
0: Pin 8 in Control input mode
1: Pin 8 in Proximity output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com