Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS2L30UF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L30UF
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L30UF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L30UF Datasheet HTML 1Page - STMicroelectronics STPS2L30UF Datasheet HTML 2Page - STMicroelectronics STPS2L30UF Datasheet HTML 3Page - STMicroelectronics STPS2L30UF Datasheet HTML 4Page - STMicroelectronics STPS2L30UF Datasheet HTML 5Page - STMicroelectronics STPS2L30UF Datasheet HTML 6Page - STMicroelectronics STPS2L30UF Datasheet HTML 7Page - STMicroelectronics STPS2L30UF Datasheet HTML 8Page - STMicroelectronics STPS2L30UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS2L30
4/10
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values) SMA flat
Figure 8.
Normalized avalanche power
derating versus pulse duration
I (A)
M
0
1
2
3
4
5
6
7
8
1.E-03
1.E-02
1.E-01
1.E+00
T
a=25 °C
T
a=75 °C
T
a=125 °C
IM
t
δ =0.5
SMA-Flat
t(s)
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Figure 9.
Normalized avalanche power
derating versus junction
temperature
Figure 10.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration - SMA
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(T )
P
(25°C)
ARM
j
ARM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMA
Figure 11.
Relative variation of thermal
impedance junction to lead
versus pulse duration - SMB flat
Figure 12.
Relative variation of thermal
impedance junction to ambient
versus pulse duration - SMA flat
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-l)
th(j-l)
SMB flat
t (s)
p
Single pulse
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA-Flat
t (s)
p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com