Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24128-BWCS6T Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24128-BWCS6T
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWCS6T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24128-BWCS6T Datasheet HTML 32Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 33Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 34Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 35Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 36Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 37Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 38Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 39Page - STMicroelectronics M24128-BWCS6T Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID16892 Rev 23
39/40
M24128-BW M24128-BR M24128-BF M24128-DF
Revision history
11
Revision history
Table 24. Document revision history
Date
Revision
Changes
12-Jan-2010
18
Section 4.9: ECC (error correction code) and write cycling modified.
23-Mar-2010
19
Removed PDIP package.
21-Nov-2011
20
Updated UFDFPN8 silhouette on cover page, Figure 16: UFDFPN8
(MLP8) – 8-lead ultra thin fine pitch dual flat package no lead 2 × 3mm,
package outline and Table 19: UFDFPN8 (MLP8) 8-lead ultra thin fine
pitch dual flat package no lead 2 x 3 mm, mechanical data to add MC
version.
Renamed Figure 2: 8-pin package connections.
Removed “Available M24128 products“ table.
Updated disclaimer on last page.
20-Jul-2012
21
Datasheet revision 20 split into:
– M24128-125 datasheet for automotive products (range 3),
– M24128-BW M24128-BR M24128-BF M24128-DF (this datasheet) for
standard products (range 6).
Updated
– Cycling: 4 million cycles
– Data retention: 200 years
– Table 17: tCLQX, tNS
Added
– Identification page (for M24128-D devices)
– Table 17: tWLDL and tDHWH
– Table 18 (1 MHz)
20-Nov-2012
22
Corrected “Device family” data in Table 23: Ordering information scheme.
04-Apr-2013
23
Document reformatted.
Removed footnote “3” in Table 2: Device select code.
Renamed Figure 17: UFDFPN8 (MLP8) – package outline (UFDFPN:
Ultra thin Fine pitch Dual Flat Package, No lead) and Table 21: UFDFPN8
(MLP8) – package dimensions (UFDFPN: Ultra thin Fine pitch Dual Flat
Package, No lead).
Updated package information in Table 23: Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com