Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC10H065 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC10H065
Description  650 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065 Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC10H065 Datasheet HTML 1Page - STMicroelectronics STPSC10H065 Datasheet HTML 2Page - STMicroelectronics STPSC10H065 Datasheet HTML 3Page - STMicroelectronics STPSC10H065 Datasheet HTML 4Page - STMicroelectronics STPSC10H065 Datasheet HTML 5Page - STMicroelectronics STPSC10H065 Datasheet HTML 6Page - STMicroelectronics STPSC10H065 Datasheet HTML 7Page - STMicroelectronics STPSC10H065 Datasheet HTML 8Page - STMicroelectronics STPSC10H065 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPSC10H065
2/9
Doc ID 023604 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.35 x IF(AV) + 0.115 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF(RMS) Forward rms current
22
A
IF(AV)
Average forward current
Tc = 120 °C,  = 0.5
10
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
90
80
470
A
IFRM
Repetitive peak forward current
Tc = 120 °C,Tj = 150 °C,  = 0.1
36
A
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +175
°C
Table 3.
Thermal resistance (typical values)
Symbol
Parameter
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
1.25
1.5
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
tp = 10 ms,  < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-9
100
µA
Tj = 150 °C
-
85
425
VF
(2)
2.
tp = 500 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 10 A
-1.56
1.75
V
Tj = 150 °C
-
1.98
2.5
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj
(1)
1.
Most accurate value for the capacitive charge:
Total capacitive charge VR = 400 V,
28.5
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
480
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
48
dPtot
dTj
---------------
1
Rth j
a

--------------------------
Q =
cj(vR).dvR
cj
VOUT
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com