| Electronic Components Datasheet Search |
|
STM32L152V8 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152V8 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 121 page ![]() Description STM32L151x6/8/B, STM32L152x6/8/B 10/121 Doc ID 17659 Rev 8 2.1 Device overview . Table 2. Ultra-low-power STM32L15xxx device features and peripheral counts Peripheral STM32L15xCx STM32L15xRx STM32L15xVx Flash (Kbytes) 32 64 128 32 64 128 64 128 Data EEPROM (Kbytes) 4 RAM (Kbytes) 10 10 16 10 10 16 10 16 Timers General- purpose 6 Basic 2 Communication interfaces SPI 2 I2C 2 USART 3 USB 1 GPIOs 37 51 83 12-bit synchronized ADC Number of channels 1 16 channels 1 20 channels 1 24 channels 12-bit DAC Number of channels 2 2 LCD (STM32L152xx Only) COM x SEG 4x16 4x32 8x28 4x44 8x40 Comparator 2 Capacitive sensing channels 13 20 Max. CPU frequency 32 MHz Operating voltage 1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option 1.65 V to 3.6 V without BOR option Operating temperatures Ambient temperatures: –40 to +85 °C Junction temperature: –40 to + 105 °C Packages LQFP48, UFQFPN48 LQFP64, BGA64 LQFP100, BGA100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |