Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24128-DFMC6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24128-DFMC6
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DFMC6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24128-DFMC6 Datasheet HTML 22Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 23Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 24Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 25Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 26Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 27Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 28Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 29Page - STMicroelectronics M24128-DFMC6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
DC and AC parameters
M24128-BW M24128-BR M24128-BF M24128-DF
26/40
DocID16892 Rev 23
Table 14. DC characteristics (M24128-BR, device grade 6)
Symbol
Parameter
Test conditions(1) (in addition
to those in Table 7)
1. If the application uses the voltage range R device with 2.5 V
< Vcc < 5.5 V and -40 °C < TA <
+85 °C, please refer to Table 13 instead of this table.
Min.
Max.
Unit
ILI
Input leakage current
(E0, E1, E2, SCL, SDA)
VIN = VSS or VCC, device in
Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 1.8 V, fc= 400 kHz
-
0.8
mA
fc= 1 MHz(2)
2. Only for devices identified with process letter K.
-2.5
mA
ICC0
Supply current (Write)
During tW, VCC = 1.81.7 V < VCC
< 2.5 V
-2(3)(4)
3. Characterized value, not tested in production.
4. 3 mA for previous devices identified by process letter A.
mA
ICC1
Standby supply current
Device not selected(5),
VIN = VSS or VCC, VCC = 1.8 V
5. The device is not selected after power-up, after a Read instruction (after the Stop condition), or
after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a
Write instruction).
-1
µA
VIL
Input low voltage
(SCL, SDA, WC)
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
(SCL, SDA)
1.8 V
≤ VCC < 2.5 V
0.75 VCC
6.5
V
Input high voltage
(WC, E2, E1, E0)
1.8 V
≤ VCC < 2.5 V
0.75 VCC VCC+0.6
V
VOL
Output low voltage
IOL = 1 mA, VCC = 1.8 V(6)
6. IOL = 0.7 mA for devices identified by process letters G or S.
-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com