Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02APWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02APWR
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02APWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC02APWR Datasheet HTML 1Page - Texas Instruments SN74LVC02APWR Datasheet HTML 2Page - Texas Instruments SN74LVC02APWR Datasheet HTML 3Page - Texas Instruments SN74LVC02APWR Datasheet HTML 4Page - Texas Instruments SN74LVC02APWR Datasheet HTML 5Page - Texas Instruments SN74LVC02APWR Datasheet HTML 6Page - Texas Instruments SN74LVC02APWR Datasheet HTML 7Page - Texas Instruments SN74LVC02APWR Datasheet HTML 8Page - Texas Instruments SN74LVC02APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC02A, SN74LVC02A
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCAS280Q – JANUARY 1993 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC02A
FROM
TO
PARAMETER
VCC
–55
°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
5.4
tpd
A or B
Y
ns
3.3 V ± 0.3 V
1
4.4
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC02A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40
°C to 85°C –40°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
3.8
8.4
1
8.9
1
10.4
2.5 V ± 0.2 V
1
2.9
6.9
1
7.4
1
9.5
tpd
A or B
Y
ns
2.7 V
1
3
5.2
1
5.4
1
7
3.3 V ± 0.3 V
1
3.6
4.2
1
4.4
1
5.5
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
7.5
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
8.5
pF
3.3 V
9.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com