Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8099ACPI-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8099ACPI-EBZ
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPI-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD8099ACPI-EBZ Datasheet HTML 1Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 2Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 3Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 4Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 5Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 6Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 7Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 8Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Ultralow Distortion, High Speed
0.95 nV/
Hz Voltage Noise Op Amp
Data Sheet
AD8099
Rev. D
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow noise: 0.95 nV/√Hz, 2.6 pA/√Hz
Ultralow distortion
2nd harmonic RL = 1 kΩ , G = +2
−92 dB @ 10 MHz
3rd harmonic RL = 1 kΩ , G = +2
−105 dB @ 10 MHz
High speed
GBWP: 3.8 GHz
–3 dB bandwidth:
700 MHz (G = +2)
550 MHz (G = +10)
Slew rate:
475 V/μs (G = +2)
1350 V/μs (G = +10)
New pinout
Custom external compensation, gain range –1, +2 to +10
Supply current: 15 mA
Offset voltage: 0.5 mV max
Wide supply voltage range: 5 V to 12 V
APPLICATIONS
Pre-amplifiers
Receivers
Instrumentation
Filters
IF and baseband amplifiers
A-to-D drivers
DAC buffers
Optical electronics
CONNECTION DIAGRAMS
DISABLE
1
FEEDBACK
2
–IN
3
+IN
4
+VS
8
VOUT
7
CC
6
–VS
5
NOTES
1. SOLDER THE EXPOSED PADDLE TO
THE GROUND PLANE.
1
FEEDBACK
2
–IN
3
+IN
–VS 4
DISABLE
8
+VS
7
VOUT
6
CC
5
NOTES
1. SOLDER THE EXPOSED PADDLE TO
THE GROUND PLANE.
Figure 1. 8-Lead LFCSP (CP-8-2)
Figure 2. 8-Lead SOIC-EP (RD-8-1)
GENERAL DESCRIPTION
The AD8099 is an ultralow noise (0.95 nV/√Hz) and distortion
(–92 dBc @10 MHz) voltage feedback op amp, the combination
of which make it ideal for 16- and 18-bit systems. The AD8099
features a new, highly linear, low noise input stage that increases
the full power bandwidth (FPBW) at low gains with high slew
rates. ADI’s proprietary next generation XFCB process enables
such high performance amplifiers with relatively low power.
The AD8099 features external compensation, which lets the
user set the gain bandwidth product. External compensation
allows gains from +2 to +10 with minimal trade-off in band-
width. The AD8099 also features an extremely high slew rate of
1350 V/μs, giving the designer flexibility to use the entire
dynamic range without trading off bandwidth or distortion.
The AD8099 settles to 0.1% in 18 ns and recovers from
overdrive in 50 ns.
The AD8099 drives 100 Ω loads at breakthrough performance
levels with only 15 mA of supply current. With the wide supply
voltage range (5 V to 12 V), low offset voltage (0.1 mV typ),
wide bandwidth (700 MHz for G = +2), and a GBWP up to
3.8 GHz, the AD8099 is designed to work in a wide variety of
applications.
The AD8099 is available in a 3 mm × 3 mm lead frame chip
scale package (LFCSP) with a new pinout that is specifically
optimized for high performance, high speed amplifiers. The
new LFCSP package and pinout enable the breakthrough
performance that previously was not achievable with amplifiers.
The AD8099 is rated to work over the extended industrial
temperature range, −40°C to +125°C.
FREQUENCY (MHz)
0.1
1.0
10.0
–130
–40
–110
–100
–90
–80
–70
–60
–50
–120
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +2
VOUT = 2V p-p
VS = ±5V
RL = 1k
Figure 3. Harmonic Distortion vs. Frequency and Gain (SOIC)


Similar Part No. - AD8099ACPI-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099ACP-R2 AD-AD8099ACP-R2 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099ACP-REEL AD-AD8099ACP-REEL Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099ACP-REEL7 AD-AD8099ACP-REEL7 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099ACPZ-R2 AD-AD8099ACPZ-R2 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099ACPZ-R2 AD-AD8099ACPZ-R2 Datasheet
574Kb / 26P
Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
Rev. E
More results

Similar Description - AD8099ACPI-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
AD8045 AD-AD8045 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com