Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC971FDH Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P89LPC971FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC971FDH Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P89LPC971FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
30 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition at its
corresponding count input pin, T0 or T1. In this function, the count input is sampled once
during every machine cycle.
Timer 0 and Timer 1 have five operating modes (Modes 0, 1, 2, 3 and 6). Modes 0, 1, 2
and 6 are the same for both Timers/Counters. Mode 3 is different.
7.19.1 Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. In this mode, the Timer register is configured as a
13-bit register. Mode 0 operation is the same for Timer 0 and Timer 1.
7.19.2 Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register are used.
7.19.3 Mode 2
Mode 2 configures the Timer register as an 8-bit Counter with automatic reload. Mode 2
operation is the same for Timer 0 and Timer 1.
7.19.3.1
Mode 3
When Timer 1 is in Mode 3 it is stopped. Timer 0 in Mode 3 forms two separate 8-bit
counters and is provided for applications that require an extra 8-bit timer. When Timer 1 is
in Mode 3 it can still be used by the serial port as a baud rate generator.
7.19.3.2
Mode 6
In this mode, the corresponding timer can be changed to a PWM with a full period of
256 timer clocks.
7.19.4 Timer overflow toggle output
Timers 0 and 1 can be configured to automatically toggle a port output whenever a timer
overflow occurs. The same device pins that are used for the T0 and T1 count inputs are
also used for the timer toggle outputs. The port outputs will be a logic 1 prior to the first
timer overflow when this mode is turned on.
7.20 Timers/counters 2, 3 and 4
The P89LPC970/971/972 has three external 16-bit timer/counters. All can be configured
to operate either as timers or event counters. An option to automatically toggle pin Tx (x =
2, 3 or 4) upon timer overflow has been added.
In the ‘Timer’ function, the register is incremented every PCLK.
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition at its
corresponding count input pin (T2/T3 /T4). In this function, the count input is sampled
once during every machine cycle.
Only external Timer 2/3/4 has the external input pin TxEX (x = 2, 3 or 4). A 1-to-0
transition on this pin can trigger a reload or capture event.
Timer 2, Timer 3 and Timer 4 have three operating modes (Modes 0, 1 and 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com