Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9517DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9517DP
Description  Level translating I2C-bus repeater
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9517DP Datasheet HTML 5Page - NXP Semiconductors PCA9517DP Datasheet HTML 6Page - NXP Semiconductors PCA9517DP Datasheet HTML 7Page - NXP Semiconductors PCA9517DP Datasheet HTML 8Page - NXP Semiconductors PCA9517DP Datasheet HTML 9Page - NXP Semiconductors PCA9517DP Datasheet HTML 10Page - NXP Semiconductors PCA9517DP Datasheet HTML 11Page - NXP Semiconductors PCA9517DP Datasheet HTML 12Page - NXP Semiconductors PCA9517DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PCA9517_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 30 January 2007
9 of 19
NXP Semiconductors
PCA9517
Level translating I2C-bus repeater
9.
Static characteristics
Table 4.
Static characteristics
VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCB
supply voltage, B-side bus
2.7
-
5.5
V
VCCA
supply voltage, A-side bus
[1] 0.9
-
5.5
V
ICC(VCCA)
supply current on pin VCCA
--
1
mA
ICCH
HIGH-state supply current
both channels HIGH;
VCC = 5.5 V;
SDAn = SCLn = VCC
-
1.5
5
mA
ICCL
LOW-state supply current
both channels LOW;
VCC = 5.5 V;
one SDA and one SCL = GND;
other SDA and SCL open
-
1.5
5
mA
ICCAc
quiescent supply current in
contention
VCC = 5.5 V;
SDAn = SCLn = VCC
-
1.5
5
mA
Input and output SDAB and SCLB
VIH
HIGH-level input voltage
0.7VCCB
-
5.5
V
VIL
LOW-level input voltage
[2]
−0.5
-
+0.3VCCB
V
VILc
LOW-level input voltage contention
−0.5
0.4
-
V
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
-
-
±1
µA
IIL
LOW-level input current
SDA, SCL; VI = 0.2 V
-
-
10
µA
VOL
LOW-level output voltage
IOL = 100 µA or 6 mA
0.47
0.52
0.6
V
VOL−VILc
LOW-level input voltage below
output LOW-level voltage
guaranteed by design
-
-
70
mV
ILOH
HIGH-level output leakage current
VO = 3.6 V
-
-
10
µA
Cio
input/output capacitance
VI = 3 V or 0 V; VCC = 3.3 V
-
6
7
pF
VI = 3 V or 0 V; VCC =0V
-
6
7
pF
Input and output SDAA and SCLA
VIH
HIGH-level input voltage
0.7VCCA
-
5.5
V
VIL
LOW-level input voltage
[3]
−0.5
-
+0.3VCCA
V
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
-
-
±1
µA
IIL
LOW-level input current
SDA, SCL; VI = 0.2 V
-
-
10
µA
VOL
LOW-level output voltage
IOL = 6 mA
-
0.1
0.2
V
ILOH
HIGH-level output leakage current
VO = 3.6 V
-
-
10
µA
Cio
input/output capacitance
VI = 3 V or 0 V; VCC = 3.3 V
-
6
7
pF
VI = 3 V or 0 V; VCC =0V
-
6
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com