Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2950 Datasheet(PDF) 13 Page - ON Semiconductor

Part # LP2950
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LP2950 Datasheet HTML 9Page - ON Semiconductor LP2950 Datasheet HTML 10Page - ON Semiconductor LP2950 Datasheet HTML 11Page - ON Semiconductor LP2950 Datasheet HTML 12Page - ON Semiconductor LP2950 Datasheet HTML 13Page - ON Semiconductor LP2950 Datasheet HTML 14Page - ON Semiconductor LP2950 Datasheet HTML 15Page - ON Semiconductor LP2950 Datasheet HTML 16Page - ON Semiconductor LP2950 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
13
Figure 27. Open Circuit Detector for 4.0 to 20 mA Current Loop
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
NC
Output*
0.1
mF
NC
NC
NC
1N457
1N457
360
1N457
1N4001
24
+ 5.0 V
4.7 k
15
20 mA
4
* High for
IL < 3.5 mA
Figure 28. Low Battery Disconnect
2N3906
5
3
Error
SD
Gnd
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
LP2951CN
NC
1.0
mF
NC
2
3
1
20
Main V+
Memory V+
6.0 V Lead-Acid
Battery
NiCad Backup
Battery
100 k
31.6 k
MC34164P−5
NC
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 29. DPAK Thermal Resistance and Maximum
Power Dissipation versus PCB Copper Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com