Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7654ACPRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7654ACPRL
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7654ACPRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7654ACPRL Datasheet HTML 4Page - Analog Devices AD7654ACPRL Datasheet HTML 5Page - Analog Devices AD7654ACPRL Datasheet HTML 6Page - Analog Devices AD7654ACPRL Datasheet HTML 7Page - Analog Devices AD7654ACPRL Datasheet HTML 8Page - Analog Devices AD7654ACPRL Datasheet HTML 9Page - Analog Devices AD7654ACPRL Datasheet HTML 10Page - Analog Devices AD7654ACPRL Datasheet HTML 11Page - Analog Devices AD7654ACPRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7654
Rev. B | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46 45 44 43 42 41 40 39 38 37
35
CNVST
34
PD
33
RESET
30
EOC
31
RD
32
CS
36
DVDD
29
BUSY
28
D15
27
D14
25
D12
26
D13
2
AVDD
3
A0
4
BYTESWAP
7
IMPULSE
6
DGND
5
A/B
1
AGND
8
SER/PAR
9
D0
10
D1
12
D3/DIVSCLK[1]
11
D2/DIVSCLK[0]
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
AD7654
TOP VIEW
(Not to Scale)
Figure 4. 48-Lead LQFP (ST-48) and 48-Lead LFCSP (CP-48)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 47, 48
AGND
P
Analog Power Ground Pin.
2
AVDD
P
Input Analog Power Pin. Nominally 5 V.
3
A0
DI
Multiplexer Select. When LOW, the analog inputs INA1 and INB1 are sampled simultaneously, then
converted. When HIGH, the analog inputs INA2 and INB2 are sampled simultaneously, then converted.
4
BYTESWAP
DI
Parallel Mode Selection (8 bit, 16 bit). When LOW, the LSB is output on D[7:0] and the MSB is output on
D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on D[7:0].
5
A/B
DI
Data Channel Selection. In parallel mode, when LOW, the data from Channel B is read. When HIGH, the
data from Channel A is read. In serial mode, when HIGH, Channel A is output first followed by Channel
B. When LOW, Channel B is output first followed by Channel A.
6, 20
DGND
P
Digital Power Ground.
7
IMPULSE
DI
Mode Selection. When HIGH, this input selects a reduced power mode. In this mode, the power
dissipation is approximately proportional to the sampling rate.
8
SER/PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the serial interface
mode is selected and some bits of the DATA bus are used as a serial port.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, these outputs are in high
impedance.
11, 12
D[2:3] or
DI/O
When SER/PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
DIVSCLK[0:1]
When SER/PAR is HIGH, EXT/INT is LOW, and RDC/SDIN is LOW, which is the serial master read after
convert mode, these inputs, part of the serial port, are used to slow down if desired the internal serial
clock that clocks the data output. In the other serial modes, these inputs are not used.
13
D[4]
DI/O
When SER/PARis LOW, this output is used as Bit 4 of the parallel port data output bus.
or EXT/INT
When SER/PARis HIGH, this input, part of the serial port, is used as a digital select input for choosing
the internal or an external data clock, called respectively, master and slave mode. With EXT/INT tied
LOW, the internal clock is selected on SCLK output. With EXT/INT set to a logic HIGH, output data is
synchronized to an external clock signal connected to the SCLK input.
14
D[5]
DI/O
When SER/PAR is LOW, this output is used as Bit 5 of the parallel port data output bus.
or INVSYNC
When SER/PAR is HIGH, this input, part of the serial port, is used to select the active state of the SYNC
signal in Master modes. When LOW, SYNC is active HIGH. When HIGH, SYNC is active LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com