Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1293CCSW Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1293CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CCSW Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1293CCSW Datasheet HTML 20Page - Linear Technology LTC1293CCSW Datasheet HTML 21Page - Linear Technology LTC1293CCSW Datasheet HTML 22Page - Linear Technology LTC1293CCSW Datasheet HTML 23Page - Linear Technology LTC1293CCSW Datasheet HTML 24Page - Linear Technology LTC1293CCSW Datasheet HTML 25Page - Linear Technology LTC1293CCSW Datasheet HTML 26Page - Linear Technology LTC1293CCSW Datasheet HTML 27Page - Linear Technology LTC1293CCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1293/LTC1294/LTC1296
129346fs
©LINEAR TECHNOLOGY CORPORATION 1992
LT/GP 0392 10K REV 0
PACKAGE DESCRIPTIO Dimensions in inches (millimeters) unless otherwise noted.
TJMAX
θJA
110
°C
150
°C/W
TJMAX
θJA
110
°C
150
°C/W
S Package
16-Lead Plastic SOL
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.483)
TYP
0° – 8° TYP
SEE NOTE
0.005
(0.127)
RAD MIN
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
SOL16 12/91
NOTE:
PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
SEE NOTE
0.398 – 0.413
(10.109 – 10.490)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.008 – 10.643)
S Package
20-Lead Plastic SOL
0° – 8° TYP
SEE NOTE
0.005
(0.127)
RAD MIN
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
SOL20 12/91
NOTE:
PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
SEE NOTE
0.496 – 0.512
(12.598 – 13.995)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.008 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.483)
TYP
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 ● FAX: (408) 434-0507 ● TELEX: 499-3977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com