Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7694ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7694ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7694ARMZ Datasheet HTML 6Page - Analog Devices AD7694ARMZ Datasheet HTML 7Page - Analog Devices AD7694ARMZ Datasheet HTML 8Page - Analog Devices AD7694ARMZ Datasheet HTML 9Page - Analog Devices AD7694ARMZ Datasheet HTML 10Page - Analog Devices AD7694ARMZ Datasheet HTML 11Page - Analog Devices AD7694ARMZ Datasheet HTML 12Page - Analog Devices AD7694ARMZ Datasheet HTML 13Page - Analog Devices AD7694ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7694
Rev. A | Page 10 of 16
100
95
90
85
80
17
16
15
14
13
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
SNR
S/[N+D]
ENOB
Figure 11. SNR, S/(N + D), and ENOB vs. Reference Voltage
100
95
90
85
80
75
70
0
50
100
150
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –10dB
VREF = 5V, –1dB
Figure 12. S/[N + D] vs. Frequency
–80
–115
–110
–105
–100
–95
–90
–85
0
40
80
120
160
200
FREQUENCY (kHz)
VREF = 5V, –1dB
VREF = 2.5V, –1dB
Figure 13. THD vs. Frequency
1200
1000
800
600
400
200
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY (V)
fS = 100kSPS
Figure 14. Operating Current vs. Supply
800
900
400
500
600
700
300
200
100
0
–55
125
105
85
65
45
25
5
–15
–35
TEMPERATURE (
°C)
VDD = 5V,
fS = 100kSPS
VDD = 2.7V,
fS = 100kSPS
Figure 15. Operating Current vs. Temperature
1000
0
250
500
750
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (
°C)
Figure 16. Power-Down Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com