Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1865LACMS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1865LACMS
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865LACMS Datasheet(HTML) 5 Page - Linear Technology

  LTC1865LACMS Datasheet HTML 1Page - Linear Technology LTC1865LACMS Datasheet HTML 2Page - Linear Technology LTC1865LACMS Datasheet HTML 3Page - Linear Technology LTC1865LACMS Datasheet HTML 4Page - Linear Technology LTC1865LACMS Datasheet HTML 5Page - Linear Technology LTC1865LACMS Datasheet HTML 6Page - Linear Technology LTC1865LACMS Datasheet HTML 7Page - Linear Technology LTC1865LACMS Datasheet HTML 8Page - Linear Technology LTC1865LACMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC1864/LTC1865
5
18645fb
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
l
2.4
V
VIL
Low Level Input Voltage
VCC = 4.75V
l
0.8
V
IIH
High Level Input Current
VIN = VCC
l
2.5
μA
IIL
Low Level Input Current
VIN = 0V
l
–2.5
μA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10μA
VCC = 4.75V, IO = 360μA
l
l
4.5
2.4
4.74
4.72
V
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
●
0.4
V
IOZ
Hi-Z Output Leakage
CONV = VCC
●
±3
μA
ISOURCE
Output Source Current
VOUT = 0V
–25
mA
ISINK
Output Sink Current
VOUT = VCC
20
mA
IREF
Reference Current (LTC1864 SO-8 and MSOP,
LTC1865 MSOP)
CONV = VCC
fSMPL = fSMPL(MAX)
●
●
0.001
0.05
3
0.1
μA
mA
ICC
Supply Current
CONV = VCC After Conversion
CONV = VCC After Conversion, H-Grade
fSMPL = fSMPL(MAX)
●
●
●
0.001
0.001
0.85
3
5
1.3
μA
μA
mA
PD
Power Dissipation
fSMPL = fSMPL(MAX)
4.25
mW
DIGITAL AND DC ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply
over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com