Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2802 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2802
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2802 Datasheet HTML 5Page - Linear Technology LTC2802 Datasheet HTML 6Page - Linear Technology LTC2802 Datasheet HTML 7Page - Linear Technology LTC2802 Datasheet HTML 8Page - Linear Technology LTC2802 Datasheet HTML 9Page - Linear Technology LTC2802 Datasheet HTML 10Page - Linear Technology LTC2802 Datasheet HTML 11Page - Linear Technology LTC2802 Datasheet HTML 12Page - Linear Technology LTC2802 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
block diaGraM
5k
5k
GND
GND
VL
VDD
VL
VL
VEE
GND
CONTROL
BOOST
REGULATOR
VEE
T2OUT
T1OUT
R2IN
R1IN
VDD
C3
1µF
C2
1µF
**
**
**
LTC2803
LTC2804
LTC2803-1
LTC2804-1
LTC2801
LTC2802
LTC2803
LTC2804
LTC2803-1
LTC2804-1
**
**
CAP
SW
C1
220nF
L1
10µH
VCC
C4
1µF
C5
220nF
T2IN
T1IN
R2OUT
R1OUT
PS
MODE
ON/OFF
VL
1.8V TO 5.5V
1.8V TO 5.5V
2801 BD
FEATURE
2801
2802
2803
2803-1
2804
2804-1
DRIVERS and RECEIVERS
1 + 1
1 + 1
2 + 2
2 + 2
2 + 2
2 + 2
PACKAGE
DFN-12
DFN-12
DFN-16
SSOP-16
DFN-16
SSOP-16
1.8V - 5.5V OPERATION
l
l
l
l
l
l
1.8V - 5.5V LOGIC SUPPLY (VL)
l
l
l
l
l
l
SHUTDOWN (1µA)
l
l
l
l
l
l
RECEIVER(S) ACTIVE (15µA)
l
l
l
l
DRIVER(S) DISABLE
l
l
l
l
100kb/s for RL = 3kΩ, CL = 2.5nF
l
l
l
l
l
l
250kb/s for RL = 3kΩ, CL = 1nF
l
l
l
l
l
l
1Mb/s for RL = 3kΩ, CL = 250pF
l
l
l
Feature SuMMary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com