Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9740ACP Datasheet(PDF) 21 Page - Analog Devices

Part # AD9740ACP
Description  10-Bit, 210 MSPS TxDAC D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740ACP Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9740ACP Datasheet HTML 17Page - Analog Devices AD9740ACP Datasheet HTML 18Page - Analog Devices AD9740ACP Datasheet HTML 19Page - Analog Devices AD9740ACP Datasheet HTML 20Page - Analog Devices AD9740ACP Datasheet HTML 21Page - Analog Devices AD9740ACP Datasheet HTML 22Page - Analog Devices AD9740ACP Datasheet HTML 23Page - Analog Devices AD9740ACP Datasheet HTML 24Page - Analog Devices AD9740ACP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9740
Rev. B | Page 21 of 32
R6
OPT
S2
IOUTA
2
A B
JP10
1
3
IX
C13
OPT
JP8
IOUT
S3
4
5
6
3
2
1
T1
T1-1T
JP9
C12
OPT
R10
10k
Ω
S1
IOUTB
1
2
3
AB
JP11
IY
1
EXT
2
3
INT
AB
JP5
REF
+
+
C14
16V
AVDD
DVDD
CKEXT
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
AVDD
C15
16V
CUT
UNDER DUT
JP6
JP4
R5
OPT
DVDD
R4
CLOCK
S5
CLOCK
TP1
WHT
DVDD
AVDD
DVDD
R2
JP2
MODE
TP3
WHT
REF
C2
C1
C11
R1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
U1
AD9740
SLEEP
TP11
WHT
R3
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
AVDD
C17
0.1
μF
C16
0.1
μF
10
μF
10
μF
C19
0.1
μF
C18
0.1
μF
0.1
μF
2k
Ω
10k
Ω
0.1
μF
0.1
μF
R11
10k
Ω
10k
Ω
50
Ω
Figure 40. SOIC Evaluation Board—Output Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com