Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2970CUFD Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 25Page - Linear Technology LTC2970CUFD Datasheet HTML 26Page - Linear Technology LTC2970CUFD Datasheet HTML 27Page - Linear Technology LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology LTC2970CUFD Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC2970/LTC2970-1
29
29701fc
APPLICATIO S I FOR ATIO
the LTC2970 will automatically find the IDAC code that most
closely approximates the TRIM pin's open-circuit voltage
before enabling VOUT0. Note: The relationship between
VTRIM and the converter's output is typically non-invert-
ing, so be sure to set the LTC2970's CH0_a_idac_pol bit
to 1 in order to allow the voltage servo feature to function
properly.
DC/DC converters with a TRIM pin are usually margined
high or low by connecting an external resistor between
the TRIM pin and either the VSENSE+ or VSENSE– pin. The
relationships between these resistors and the Δ% change
in the output voltage of the DC/DC converter are typically
expressed as:
R
R
R
TRIM DOWN
TRIM
DOWN
TRIM
_
•
%
=
Δ
−
50
(8)
R
RV
V
R
TRIM UP
TRIM
DC
UP
REF
UP
T
_
••
%
••
%
=
+Δ
()
Δ
−
100
2
R
RIM
UP
TRIM
R
•
%
50
Δ
−
⎡
⎣
⎢
⎤
⎦
⎥
(9)
where RTRIM is the resistance looking into the TRIM pin,
VREF is the TRIM pin's opern-circuit output voltage and
VDC is the DC/DC converter's nominal output voltage.
ΔUP% and ΔDOWN% denote the percentage change in the
converter's output voltage when margining up or down
respectively.
2-Step Resistor Selection Procedure for DC/DC
Converters with a TRIM Pin
The following two-step procedure should be used to
calculate values for resistors R30 and R40 shown in
Figure 2.
1. Solve for R30:
RRTRIM
DOWN
DOWN
30
50
≤
−Δ
Δ
⎛
⎝⎜
⎞
⎠⎟
•
%
%
(10)
2. Solve for R40:
R
V
A
UP
DOWN
REF
40
1
236
≥+
Δ
Δ
⎛
⎝⎜
⎞
⎠⎟
%
%
•
μ
(11)
Tracking with the LTC2970-1
A typical LTC2970-1 tracking application circuit is shown in
Figure 3 (the sequence of events for tracking are described
in sections 9 and 10 of the Operation section). The GPIO_0
and GPIO_1 pins are tied directly to their respective DC/DC
converter RUN/SS pins. Since GPIO_CFG is pulled-up to
VDD, the LTC2970-1 will automatically hold off the DC/DC
converters after power-up by asserting open drain outputs
GPIO_0 and GPIO_1 low. N-channel FETs Q10/11 and
diodes D10/11 form unidirectional range switches around
resistors R30A/31A while GPIO_CFG is high. These range
switches allow the LTC2970-1’s VOUT0 and VOUT1 pins to
drive the converter outputs all the way to/from ground
through resistors R30B/31B. When GPIO_CFG pulls low,
N-channel FETs Q10 and Q11 will turn off. R30A/31A
and R30B/31B then combine in series for normal margin
operation. The 100k/0.1μF low-pass filter in series with
the gates of Q10/11 minimizes charge injection into the
feedback nodes of the DC/DC converters when GPIO_CFG
pulls low.
Figure 3. LTC2970-1 Tracking Application Circuit
0.1
μF
0.1
μF
LTC2970-1
I2C BUS
GPIO_1
IOUT1
VOUT1
12VIN
GND
VDD
GPIO_CFG
10k
100k
29701 F03
ALERT
SCL
SDA
IN
OUT
DC/DC
CONVERTER
FB
RUN/SS
VIN
VDC1
R11
Q10, Q11: 2N7002
D10, D11: MMBD4448V
*SOME DETAILS OMITTED FOR CLARITY
R41
R21
R31A
Q11
D11
R31B
GPIO_0
IOUT0
VOUT0
IN
OUT
DC/DC
CONVERTER
FB
RUN/SS
VIN
VDC0
R10
R40
R20
R30A
Q10
D10
R30B
8V TO 15V
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com