Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 4 Page - Linear Technology

  LTC4061 Datasheet HTML 1Page - Linear Technology LTC4061 Datasheet HTML 2Page - Linear Technology LTC4061 Datasheet HTML 3Page - Linear Technology LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4061

4061fd
Typical perForMance characTerisTics
CHARGE CURRENT (mA)
0
600
1000
4061 G01
200
400
800
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
VCC = 5V
RPROG = 1k
TEMPERATURE (°C)
–50
4.215
4.210
4.205
4.200
4.195
4.190
4.185
–25
0
25
50
4061 G02
75
100
VCC = 5V
RPROG = 10k
4061 G03
VCC (V)
4.0
8.0
5.0
6.0
7.0
4.5
5.5
6.5
7.5
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
RPROG = 1k
TA = 25°C
IBAT = 10mA
VPROG (V)
0
1200
1000
800
600
400
200
0
0.2
0.4
0.6
0.8
4061 G04
1.0
1.2
VCC = 5V
RPROG = 1k
C/5 = 5V
VTIMER = 5V
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
4061 G05
1.006
1.004
1.002
1.000
0.998
0.996
0.994
RPROG = 10k
C/5 = VCC
VCC = 4.3V
VCC = 8V
4061 G06
VCC (V)
4.0
8.0
5.0
6.0
7.0
1.006
1.004
1.002
1.000
0.998
0.996
0.994
4.5
5.5
6.5
7.5
VCC = 5V
VBAT = 4V
RPROG = 10k
C/5 = 5V
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
84
82
80
78
76
4061 G07
VCC = 5V
VBAT = 2.5V
RPROG = 1.25k
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
2.96
2.94
2.92
2.90
2.88
2.86
2.84
4061 G08
VCC = 5V
RPROG = 1.25k
VBAT (V)
3.0
550
450
350
250
150
50
3.8
4061 G09
3.2
3.4
3.6
4.0
VCC = 5V
RPROG = 2k
C/5 = 5V
C/5 = 0V
BatteryRegulatedOutput(Float)
VoltagevsChargeCurrent
BatteryRegulatedOutput(Float)
VoltagevsTemperature
PROGPinVoltagevsTemperature
(Constant-CurrentMode)
ChargeCurrentvsPROGPin
Voltage
TrickleChargeCurrent
vsTemperature
TrickleChargeThresholdVoltage
vsTemperature
ChargeCurrentvsBatteryVoltage
BatteryRegulatedOutput(Float)
VoltagevsSupplyVoltage
PROGPinVoltagevsVCC
(Constant-CurrentMode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com