Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7202KSTZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7202KSTZ
Description  Simultaneous Sampling Video Rate Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202KSTZ Datasheet(HTML) 2 Page - Analog Devices

  ADV7202KSTZ Datasheet HTML 1Page - Analog Devices ADV7202KSTZ Datasheet HTML 2Page - Analog Devices ADV7202KSTZ Datasheet HTML 3Page - Analog Devices ADV7202KSTZ Datasheet HTML 4Page - Analog Devices ADV7202KSTZ Datasheet HTML 5Page - Analog Devices ADV7202KSTZ Datasheet HTML 6Page - Analog Devices ADV7202KSTZ Datasheet HTML 7Page - Analog Devices ADV7202KSTZ Datasheet HTML 8Page - Analog Devices ADV7202KSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. 0
–2–
ADV7202–SPECIFICATIONS
5 V SPECIFICATIONS (AVDD/DVDD = 5 V 5%, V
REF = 1.235 V, RSET = 1.2 k
, all specifications TMIN to TMAX
1, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE_DAC
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
10
Bits
Integral Nonlinearity
±0.6
LSB
10-Bit Operation
Differential Nonlinearity
–1.5
–0.6/0.1
+0.5
LSB
10-Bit Operation
VIDEO ADC
Resolution
12
Bits
(Including 2 Bits for Gain Ranging)
2.2 V Ref.
Accuracy
12
Bits
Integral Nonlinearity
±2.5
LSB
12 Bit
Differential Nonlinearity
±0.7
LSB
12 Bit
Input Voltage Range
2
–VREFADC
+VREFADC
SNR
62
dB
27 MHz Clock
57
dB
54 MHz Clock
AUX ADC
Resolution
8
Bits
Differential Nonlinearity
±0.4
LSB
Guaranteed No Missing Codes
Integral Nonlinearity
±0.4
LSB
Input Voltage Range
0
2 VREFADC
V
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Leakage Current, IIN
±2
µA
Input Capacitance, CIN
6pF
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
V
ISINK = 1.6 mA
Three-State Leakage Current
10
µA
Output Capacitance
10
pF
Digital Output Access Time, t14
6ns
See Figure 13
Digital Output Hold Time, t15
5ns
ANALOG OUTPUTS
Output Current Range
4.10
4.33
4.6
mA
RSET = 1.2 k
Ω, RL = 300 Ω
DAC-to-DAC Matching
3
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
50
k
Ω
Output Capacitance, COUT
30
pF
IOUT = 0 mA
Analog Output Delay
3
5.5
ns
DAC Output Skew
0.06
ns
VOLTAGE REFERENCE
Reference Range, VREFDAC
1.17
1.235
1.30
V
Reference Range, VREFADC
2.1
2.2
2.30
V
Programmable 1.1 V or 2.2 V
Reference Range, VREFADC
1.1
V
NOTES
10
°C to 70°C.
2SHA gain = 1, half range for SHA gain = 2, see Table II.
3Output delay measured from 50% of the rising edge of the clock to the 50% point of full-scale transition.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com