Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBCUSB2ADPTW Datasheet(PDF) 6 Page - Dubilier

Part # DBCUSB2ADPTW
Description  USB 2.0 CONNECTORS SINGLE PORT PCB-A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCUSB2ADPTW Datasheet(HTML) 6 Page - Dubilier

  DBCUSB2ADPTW Datasheet HTML 1Page - Dubilier DBCUSB2ADPTW Datasheet HTML 2Page - Dubilier DBCUSB2ADPTW Datasheet HTML 3Page - Dubilier DBCUSB2ADPTW Datasheet HTML 4Page - Dubilier DBCUSB2ADPTW Datasheet HTML 5Page - Dubilier DBCUSB2ADPTW Datasheet HTML 6Page - Dubilier DBCUSB2ADPTW Datasheet HTML 7Page - Dubilier DBCUSB2ADPTW Datasheet HTML 8Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
396
USB 2.0 CONNECTORS
SINGLE PORT SMT-B
ORDERING INFORMATION
4 position single port right angle socket
Surface mount
Contact plating 30 micro inches min
SPECIFICATION
OUTLINE DRAWING
Contact Resistance:
30mΩ Max
Insulation Resistance:
1000MΩ min. @500VDC
Rated Voltage and Current:
1.5A @250VAC min
Dielectric withstanding voltage:
500VAC (rms) for 1 minute
Durability:
1500 mating cycles
Insertion Force:
35 Newtons max
Extraction Force:
10 Newtons min
Housing:
Nylon PA9T
Terminal:
Phosphor Bronze
Plating:
30 micro inches gold
Shell:
Brass
12
16.2
6
2
1
3
4
16
16
9.58
9
4
3
2
1
2-6.04X3.4
2-Ø1.4
4-3X0.7
PCB LAYOUT
(COMPONENT SIDE)
DBC
USB
2
B
Dubilier
Connectors
USB
Version
Ports
SP = Single Port
SP
Mounting Option
SMT = Surface
Mount
SMT
Colour
B = Black
W = White
B
Style
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com