Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8306SEC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8306SEC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306SEC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8306SEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8306SEC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
MPC8306S PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 1
50
Freescale Semiconductor
Package and Pin Listings
USBDR_TXDRXD[7]/GPIO[37]/QE_BRG[11]
Y5
IO
OVDD
—
DUART
UART1_SOUT[1]/LSRCID4/LCS_B[4]
C23
O
OVDD
—
UART1_SIN[1]/LDVAL/LCS_B[5]
F19
IO
OVDD
—
UART1_SOUT[2]/UART1_RTS_B1/LCS_B[6]
D23
O
OVDD
—
UART1_SIN[2]/UART1_CTS_B[1]/LCS_B[7]
D22
IO
OVDD
—
Interrupts
IRQ_B0_MCP_IN_B/CE_PI_0
E20
IO
OVDD
—
IRQ_B1/MCP_OUT_B
E23
IO
OVDD
—
IRQ_B2/CKSTOP_OUT_B
E22
IO
OVDD
—
IRQ_B3/CKSTOP_IN_B
F20
I
OVDD
—
I2C / SPI
IIC_SDA1
G20
IO
OVDD
2
IIC_SCL1
J20
IO
OVDD
2
LCLK1/IIC_SCL2/CKSTOP_IN_B
H20
IO
OVDD
2
SPISEL_BOOT/IIC_SDA2/CKSTOP_OUT_B
F23
O
OVDD
2
SPIMOSI/LSRCID[2]
G22
IO
OVDD
—
SPIMISO/LSRCID[3]
K20
IO
OVDD
—
SPICLK/LSRCID[0]
G23
IO
OVDD
—
SPISEL/LSRCID[1]
H22
I
OVDD
—
FEC Management
FEC_MDC
H23
O
OVDD
—
FEC_MDIO
L20
IO
OVDD
—
FEC1/GTM/GPIO
FEC1_COL/GTM1_TIN[1]/GPIO[16]
AB20
IO
OVDD
—
FEC1_CRS/GTM1_TGATE1_B/GPIO[17]
AC21
IO
OVDD
—
FEC1_RX_CLK/GPIO[18]
Y17
IO
OVDD
—
FEC1_RX_DV/GTM1_TIN[2]/GPIO[19]
Y18
IO
OVDD
—
FEC1_RX_ER/GTM1_TGATE[2]_B/GPIO[20]
AB19
IO
OVDD
—
FEC1_RXD0/GPIO[21]
AC20
IO
OVDD
—
FEC1_RXD1/GTM1_TIN[3]/GPIO[22]
AC19
IO
OVDD
—
FEC1_RXD2/GTM1_TGATE[3]_B/GPIO[23]
AC18
IO
OVDD
—
FEC1_RXD3/GPIO[24]
AB17
IO
OVDD
—
FEC1_TX_CLK/GTM1_TIN4/GPIO[25]
Y15
IO
OVDD
—
FEC1_TX_EN/GTM1_TGATE[4]_B/GPIO[26]
Y16
IO
OVDD
—
Table 46.
MPC8306S Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com