Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2731CDBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2731CDBVT
Description  Advanced LinCMOS RAIL-TO-RAIL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2731CDBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2731CDBVT Datasheet HTML 23Page - Texas Instruments TLV2731CDBVT Datasheet HTML 24Page - Texas Instruments TLV2731CDBVT Datasheet HTML 25Page - Texas Instruments TLV2731CDBVT Datasheet HTML 26Page - Texas Instruments TLV2731CDBVT Datasheet HTML 27Page - Texas Instruments TLV2731CDBVT Datasheet HTML 28Page - Texas Instruments TLV2731CDBVT Datasheet HTML 29Page - Texas Instruments TLV2731CDBVT Datasheet HTML 30Page - Texas Instruments TLV2731CDBVT Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DBV (R-PDSO-G5)
PLASTIC SMALL-OUTLINE PACKAGE
0,25
0,35
0,55
Gage Plane
0,15 NOM
4073253-4/A 12/96
2,50
3,00
0,40
0,20
1,50
1,80
4
5
3
3,10
1
2,70
1,00
1,30
0,05 MIN
Seating Plane
0,10
0,95
M
0,25
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions include mold flash or protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com